Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CBT6832C Datasheet(PDF) 3 Page - NXP Semiconductors

No. de Pieza. CBT6832C
Descripción  16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

CBT6832C Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
CBT6832C
16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs
and charge pump undershoot protection for live insertion
2000 Jul 18
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
3, 6, 9, 12, 17,
20, 23, 26, 33,
36, 39, 42, 47,
50, 53, 56
1A1–16A1
Inputs
1, 2, 4, 5, 7, 8,
10, 11, 15, 16,
18, 19, 21, 22,
24, 25
1B1–16B1
Outputs
31, 32, 34, 35,
37, 38, 40, 41,
45, 46, 48, 49,
51, 52, 54, 55
1B2–16B2
Outputs
27, 30
VBIAS1,
VBIAS2
Precharge bias voltage inputs
28, 29
SEL1, SEL2
Select-control inputs
13, 44
GND
Ground (0 V)
14, 43
VCC
Positive supply voltage
FUNCTION TABLE
SEL1
SEL2
FUNCTION
L
H
nA to nB1
H
L
nA to nB2
L
L
nA to nB1 and nB2
H
H
nB1, nB2 = VBIAS
LOGIC DIAGRAM
VBIAS1
PULLUP
1B1
VBIAS2
PULLUP
1B2
VBIAS1
PULLUP
16B1
VBIAS2
PULLUP
16B2
1A
16A
SEL1
SEL2
SV01801
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
VOUT
DC output voltage3
output in Off or High state
–0.5 to +7.0
V
IOUT
DC output current
output in Low state
120
mA
Tstg
Storage temperature range
–65 to +150
°C
ΘJA
Power dissipation
95
°C/W
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
4.5
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
Tamb
Operating free-air temperature range
0
+70
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CBT6832D16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT6832E16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT681010-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT682020-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
PI3B321603.3V Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
PI3C162153.3V 2-Port 20-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
PI3C68002.5V/3.3V 2-Port 10-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 5 Pericom Semiconductor Corporation
CBT680010-bit bus switch with precharged outputs for live insertion 1 2 3 4 5 MoreNXP Semiconductors
FSTU32X80020-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection 1 2 3 4 5 Fairchild Semiconductor
FSTU16221124-Bit Bus Switch with .2V Undershoot Protection and 25Ω Series Resistors in Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn