Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CBT6832D Datasheet(PDF) 2 Page - NXP Semiconductors

No. de Pieza. CBT6832D
Descripción  16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

CBT6832D Datasheet(HTML) 2 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
CBT6832D
16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged
outputs and charge pump undershoot protection for live insertion
2
2000 Sep 01
853-2216 24481
FEATURES
5 Ω typical r
on
Pull-up on B port
Undershoot protection on A port only: –2.0 V
Near zero propagation delay
Controlled enable rate
V
CC operating range: +4.5 V to +5.5 V
> 100 MHz bandwidth (or clock rate) at 20 pF load capacitance
56-pin TSSOP package
Bias voltage pre-charges the B output when the channel is
disabled
Latch-up protection exceeds 100 mA per JESD78
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
APPLICATION
Provides PCI-X hot-plugging
DESCRIPTION
The CBT6832D is a 16-bit controlled enable rate 1-of-2
multiplexer/demultiplexer with precharged outputs and charge pump
undershoot protection for live insertion. Advantages of the CBT6832
include a propagation delay of 250 ps, resulting from 5
Ω channel
resistance, and low I/O capacitance. A port demultiplexes to either
1B and 2B, or to both. The switch is bi-directional.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
45
46
47
48
49
50
51
52
53
54
55
56
1B1
2A
3B1
4B1
4A
5B1
6B1
6A
7B1
8B1
1A
1B2
2B2
3A
3B2
4B2
5A
6B2
5B2
7A
7B2
8B2
8A
13
14
15
16
17
18
39
40
41
42
43
44
GND
VCC
9B1
10B1
10A
GND
9A
VCC
9B2
10B2
11B1
19
38
11A
12B1
20
21
22
23
24
25
32
33
34
35
36
37
12A
13B1
14B1
14A
15B1
11B2
13B2
12B2
14B2
15A
15B2
16B1
26
31 16B2
16A
27
30 VBIAS2
VBIAS1
28
29
SEL1
SEL2
2B1
13A
SW00478
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50 pF; VCC = 5 V
0.25
ns
CIN
Input capacitance
VI = 0 V or VCC
4.5
pF
COFF B
B capacitance, switch off
Outputs disabled; VO = 0 V
8
pF
COFF A
A capacitance, switch off
Outputs disabled; VO = 0 V
13
pF
CON 1
One channel enabled capacitance
One B enabled; VO = 0 V
21
pF
CON 2
Both channels enabled capacitance
Both B channels enabled; VO = 0 V
34
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
56-Pin Plastic TSSOP Type II
0
°C to +70°C
CBT6832D DGG
SOT364-1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CBT6832E16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT6832C16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT681010-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT682020-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
PI3B321603.3V Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
FSTU32X80020-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection 1 2 3 4 5 Fairchild Semiconductor
CBT680010-bit bus switch with precharged outputs for live insertion 1 2 3 4 5 MoreNXP Semiconductors
PI3C162153.3V 2-Port 20-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
PI3C68002.5V/3.3V 2-Port 10-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 5 Pericom Semiconductor Corporation
FSTU16221124-Bit Bus Switch with .2V Undershoot Protection and 25Ω Series Resistors in Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn