Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS1545-CQR Datasheet(PDF) 7 Page - Gennum Corporation

No. de pieza GS1545-CQR
Descripción Electrónicos  HDTV Serial Digital Equalizing Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1545-CQR Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS1545-CQR Datasheet HTML 3Page - Gennum Corporation GS1545-CQR Datasheet HTML 4Page - Gennum Corporation GS1545-CQR Datasheet HTML 5Page - Gennum Corporation GS1545-CQR Datasheet HTML 6Page - Gennum Corporation GS1545-CQR Datasheet HTML 7Page - Gennum Corporation GS1545-CQR Datasheet HTML 8Page - Gennum Corporation GS1545-CQR Datasheet HTML 9Page - Gennum Corporation GS1545-CQR Datasheet HTML 10Page - Gennum Corporation GS1545-CQR Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GENNUM CORPORATION
522 - 28 - 00
7
PIN DESCRIPTIONS
NUMBER
SYMBOL
LEVEL
TYPE
DESCRIPTION
1, 2, 3, 4, 6, 8,
9, 10, 11, 14,
15, 22, 23, 24,
25, 26, 27, 28,
29, 37, 38, 39,
40, 51, 52, 57,
58, 65, 66, 67,
68, 69, 70, 71,
77, 78, 82, 83,
84, 87, 88, 90,
92, 94, 95, 97,
99, 100, 101,
102, 103, 104,
107, 114, 115,
116, 118, 119,
121, 123, 125,
127, 128
NC
No Connect. Leave these pins floating.
5
MCLADJ
Analog
Input
Control Signal Input. Adjusts the maximum amount of cable for the
equalizer (from 0m to the maximum cable length). Normally the output
is muted (latched to the last state) when the set maximum cable
length is exceeded. To achieve maximum cable length, this pin should
be left open (floating).
7
CLI
Analog
Output
Status Control Signal. The Cable Length Indication (CLI) signal
provides approximate voltage representation of the amount of cable
being equalized.
12
CD
Digital
Output
Status Signal. The Carrier Detect indicator is used as an output status
signal.
When the CD output is low, the carrier is present and the data output
is active.
When the CD output is high, the carrier is not present and the data
output is muted (latched to the last state). This indicates that the
maximum cable length as set by MCLADJ has been reached.
13
EQO_VEE
Power
Input
Negative Supply. Most negative power supply connection for Equalizer
output buffer stage.
16
EQO_VCC
Power
Input
Positive Supply. Most positive power supply connection for Equalizer
output buffer stage.
17, 18
SDO, SDO
ECL/PECL
compatible
Output
Serial Data Output. Differential outputs. 50
Ω pull up resistors are
included on chip.
Ensure that the trace length between the GS1545 and the GS1508
Cable driver is kept to a minimum and that a PCB trace characteristic
impedance of 50
Ω is maintained between the GS1508 and the
GS1545. 50
Ω end termination is recommended.
19
SDO_VEE
Power
Input
Negative Supply. Most negative power supply connection for serial
data output stage.
20
SDO_EN
Power
Input
Control Signal Input. Used to enable or disable the serial output stage.
If a loop through function is not required, then this pin should be tied
to the most positive power supply voltage.
When SDO_EN is tied to the most negative power supply voltage, the
SDO, SDO outputs are enabled.
When SDO_EN is tied to the most positive power supply voltage, the
SDO, SDO outputs are disabled.
21
SDO_VCC
Power
Input
Positive Supply. Most positive power supply connection for serial data
output stage.
30, 31
SP_VCC
Power
Input
Positive Supply. Most positive power supply connection for serial to
parallel converter stage.


Número de pieza similar - GS1545-CQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1545-CQR GENNUM-GS1545-CQR Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545-CQRE3 GENNUM-GS1545-CQRE3 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
More results

Descripción similar - GS1545-CQR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com