Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMM372C1680BS Datasheet(PDF) 7 Page - Samsung semiconductor

No. de pieza KMM372C1680BS
Descripción Electrónicos  16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C1680BS Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KMM372C1680BS Datasheet HTML 3Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 4Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 5Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 6Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 7Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 8Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 9Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 10Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DRAM MODULE
KMM372C213CK/CS
tCRP
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VOH -
VOL -
DQ
READ CYCLE
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCRP
tRP
tCSH
tRSH
tRCD
tCAS
tRAL
tRAD
tASR
tRAH
tASC
tCAH
tAA
tOEA
tCAC
tCLZ
tRAC
OPEN
DATA-OUT
tOEZ
tRRH
tRCH
Don
′t care
Undefined
tRCS
tOFF


Número de pieza similar - KMM372C1680BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372C213CS SAMSUNG-KMM372C213CS Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372C400CK SAMSUNG-KMM372C400CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372C400CS SAMSUNG-KMM372C400CS Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
More results

Descripción similar - KMM372C1680BS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372C883CS SAMSUNG-KMM372C883CS Datasheet
425Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 5V
KMM372C804BS SAMSUNG-KMM372C804BS Datasheet
446Kb / 19P
   8M x 72 DRAM DIMM with ECC using 4M16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com