Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA72CB0 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

No. de pieza SA72CB0
Descripción Electrónicos  Breaker (Surface Mount Thermal Cutoff Device)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SA72CB0 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SA72CB0 Datasheet HTML 1Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 2Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 3Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 4Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 5Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 6Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 7Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 8Page - Bourns Electronic Solutions SA72CB0 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
SASeriesBreaker(SurfaceMountThermalCutoffDevice)
Surface Mount Recommendations
The Model SA Series breaker is designed for reflow and hand soldering. It is not designed or warranted for flow soldering. The following
conditions must be adhered to:
Reflow Soldering:
The recommended reflow soldering
conditions are as follows:
150 ~ 180 °C ............... 100 ~ 150 seconds
≤220 °C........................ 20 ~ 40 seconds
255 ~ 260 °C ............... 5 ~ 10 seconds
Process breaker in a reflow furnace using
the profile shown above three times,
followed by positioning the breaker in
ambient temperature of +25 °C for 8 hours.
Hand Soldering:
Place a solder iron on each of the terminal
ends for 5 seconds at +350 °C, followed by
positioning the breaker in ambient
temperature of +25 °C for 8 hours.
Time (Seconds)
0
30
60
90
120
150
180
210
240
270
060
120
180
240
300
360
TEMPERATURE
150 ~ 180 °C
≤220 °C
245 °C
_ TIME
100 ~ 150 Seconds
20 ~ 40 Seconds
Peak
.....
.....
.....
Do not expose the breaker to temperatures exceeding +260 °C.
Recommended Reflow Profile
Recommended Land Pattern
5.8
(.228)
1.6
(.063)
1.6
(.063)
9.0
(.354)
2.4
(.094)
0.6
(.024)
0.9
(.035)
0.9
(.035)
Recommended Mask Thickness: 0.12 mm
Recommended Solder Particle Size: 30 µm
Mounting Cautions
In order to protect the housing and mechanical parts inside from deformation, prevent excessive load at the time of part absorption / part
deployment and mounting. A part absorption nozzle more than 2 mm in diameter with a 3 N (5 N max.) mounting load is recommended. Any
shock to the product by the nozzle during the mounting procedure may have a negative influence on the function of the breaker.
DIMENSIONS:
MM
(INCHES)


Número de pieza similar - SA72CB0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
More results

Descripción similar - SA72CB0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SC72AAA BOURNS-SC72AAA Datasheet
635Kb / 8P
   Breaker (Surface Mount Thermal Cutoff Device)
SA72SB0 BOURNS-SA72SB0 Datasheet
576Kb / 7P
   Breaker (Surface Mount Thermal Cutoff Device)
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
   Breaker (Thermal Cutoff Device)
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
   Breaker (Thermal Cutoff Device)
CB72ABB BOURNS-CB72ABB Datasheet
646Kb / 6P
   CB Series Breaker (Thermal Cutoff Device)
KCA77AB0 BOURNS-KCA77AB0 Datasheet
425Kb / 5P
   A-Type Breaker (Thermal Cutoff Device)
AC72ABD BOURNS-AC72ABD Datasheet
673Kb / 6P
   AC Series Breaker (Thermal Cutoff Device)
P-TCO-U BOURNS-P-TCO-U Datasheet
634Kb / 5P
   Polymeric Thermal Cutoff Device
P-TCO-N BOURNS-P-TCO-N Datasheet
658Kb / 5P
   Polymeric Thermal Cutoff Device
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
   Thermal Cutoff
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com