Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCS40 Datasheet(PDF) 4 Page - XP Power Limited

No. de pieza FCS40
Descripción Electrónicos  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCS40 Datasheet(HTML) 4 Page - XP Power Limited

  FCS40 Datasheet HTML 1Page - XP Power Limited FCS40 Datasheet HTML 2Page - XP Power Limited FCS40 Datasheet HTML 3Page - XP Power Limited FCS40 Datasheet HTML 4Page - XP Power Limited FCS40 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PREL
IMINA
RY
EMC: Immunity
FCS40 Series
AC-DC Power Supplies
www.xppower.com
4
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Medical Device EMC
IEC60601-1-2
Ed.4.0 : 2014
as below
Low Voltage PSU EMC
EN61204-3
High severity level
as below
ESD
EN61000-4-2
±8kV contact, ±15kV air
A
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surge
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN61000-4-11 (100 VAC)
Dip 100% (0 VAC), 8.4 ms
A
25% derating
Dip 100% (0 VAC), 16.7 ms
B
Dip 60% (40 VAC), 200 ms
B
Dip 30% (70 VAC), 500 ms
B
Dip 20% (80 VAC), 5000 ms
B
Int 100% (0 VAC), 5000 ms
B
EN61000-4-11 (115 VAC)
Dip 100% (0 VAC), 8.4 ms
A
Dip 100% (0 VAC), 16.7 ms
B
Dip 60% (40 VAC), 200 ms
B
Dip 30% (70 VAC), 500 ms
B
Dip 20% (80 VAC), 5000 ms
B
Int 100% (0 VAC), 5000 ms
B
EN61000-4-11 (240 VAC)
Dip100%(0VAC),10ms
A
Dip 100% (0 VAC), 20 ms
B
Dip60% (96VAC),200ms
B
Dip30% (168VAC),500ms
B
Dip 20% (192 VAC), 5000 ms
B
Int 100% (0 VAC), 5000 ms
B
EN60601-1-2 (100 VAC)
Dip100%(0VAC),10ms
A
20% derating
Dip 100% (0 VAC), 20 ms
A
50% derating
Dip60% (40VAC),100ms
A
75% derating
Dip30%(70VAC),500ms
A
Int 100% (0 VAC), 5000 ms
B
EN60601-1-2 (240 VAC)
Dip100%(0VAC),10ms
A
Dip 100% (0 VAC), 20 ms
A
Dip60% (96VAC),100ms
A
Dip30%(168VAC),500ms
A
Int 100% (0 VAC), 5000 ms
B
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1:2005, IEC62368-1:2014
Information Technology
UL
cUL62368-1
Information Technology
TUV
EN62368-1
Information Technology
CE
LVD
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60601-1 Ed 3.1 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1: & CSA C22.2 No.6061-1:08
Medical
CE
EN60601-1
Medical
Isolation
Safety Standard
Notes & Conditions
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3.1
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection at output voltage)


Número de pieza similar - FCS40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
FCS40SG ADAM-TECH-FCS40SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results

Descripción similar - FCS40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com