Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCS40 Datasheet(PDF) 5 Page - XP Power Limited

No. de pieza FCS40
Descripción Electrónicos  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCS40 Datasheet(HTML) 5 Page - XP Power Limited

  FCS40 Datasheet HTML 1Page - XP Power Limited FCS40 Datasheet HTML 2Page - XP Power Limited FCS40 Datasheet HTML 3Page - XP Power Limited FCS40 Datasheet HTML 4Page - XP Power Limited FCS40 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PREL
IMINA
RY
3.0 (76.2)
2.7 (69.8)
ø0.134 (ø3.4)
thru in 4 positions
2.0
(50.8)
+VE
-VE
Line
Neutral
1.04
(26.4)
2.0
(50.8)
1.7
(44.4)
Output Voltage
Adjustment
FCS40 Series
AC-DC Power Supplies
www.xppower.com
22 June 18
Mechanical Details
1. All dimensions shown in inches (mm).
Tolerance: ±0.02 (0.5)
2. Weight: 0.19 lbs (86 g) approx.
Notes
Mates with JST housing VHR-2N and
JST Series SVH-21T-P1.1 crimp terminals
Mounting hole marked with
must be
connected to safety earth for class I
applications
Mates with JST housing VHR-3N and JST
Series SVH-21T-P1.1 crimp terminals
CN2 - Output Connector
Pin 1
+Vout
Pin 2
-Vout
CN1 - Input Connector
Pin 1
Line
Pin 2
Not Fitted
Pin 3
Neutral


Número de pieza similar - FCS40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
FCS40SG ADAM-TECH-FCS40SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results

Descripción similar - FCS40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com