Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCS60 Datasheet(PDF) 1 Page - XP Power Limited

No. de pieza FCS60
Descripción Electrónicos  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCS60 Datasheet(HTML) 1 Page - XP Power Limited

  FCS60 Datasheet HTML 1Page - XP Power Limited FCS60 Datasheet HTML 2Page - XP Power Limited FCS60 Datasheet HTML 3Page - XP Power Limited FCS60 Datasheet HTML 4Page - XP Power Limited FCS60 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PREL
IMINA
RY
• 60 W Convection Rating
• 2” by 4” Footprint
• Low 1.04” Profile
• High Efficiency
• Medical and ITE Approvals
• Class I & Class II Installations
• High Power Density
• Less than 0.3 W No Load Input Power
• 3 Year Warranty
www.xppower.com
1
Models & Ratings
Notes
1. Typical efficiency measured at full load and 230 VAC input.
FCS60 Series
AC-DC Power Supplies
60 Watts
Output Power
Output Voltage
Output Current
Efficiency(1)
Model Number
60 W
12.0 V
5.00 A
85%
FCS60US12
60 W
15.0 V
4.00 A
85%
FCS60US15
60 W
18.0 V
3.33 A
85%
FCS60US18
60 W
24.0 V
2.50 A
85%
FCS60US24
60 W
36.0 V
1.67 A
86%
FCS60US36
60 W
48.0 V
1.25 A
86%
FCS60US48
4.0 (101.60)
ø0.134 (ø3.4)
thru in 4 positions
+VE
-VE
Output Voltage
Adjustment
3.7 (95.24)
0.125 (3.17)
1.04
(26.4)
0.125 (3.17)
2.0
(50.8)
1.75
(44.4)
Neutral
Line
1
2
1
2
CON 2
CON 1
1
2
CON 2
CON 1
Mechanical Details
1. All dimensions shown in inches (mm).
Tolerance: ±0.02 (0.5)
2. Weight: 0.25 lbs (112 g) approx.
Notes
CN2 - Output Connector
Pin 1
+Vout
Pin 2
-Vout
Mates with JST housing VHR-2N and JST
Series SVH-21T-P1.1 crimp terminals
CN1 - Input Connector
Pin 1
Line
Pin 2
Not Fitted
Pin 3
Neutral
Mounting hole marked with
must be
connected to safety earth for class I
applications
Mates with JST housing VHR-3N and JST
Series SVH-21T-P1.1 crimp terminals
The FCS60 series is designed to minimize the no load power consumption and maximize efficiency
to facilitate equipment design to meet the latest environmental legislation. Approved for medical and
ITE applications in either Class I or Class II installations, this range of single output AC-DC power supplies
are packaged in a low profile 1.04” height with a foot print of just 2” by 4”. The FCS60 provides up to
60W convection-cooled and operates down to 80 VAC. The power supply features two AC line fuses and
low leakage currents required by medical applications. The low profile, low noise and safety approvals covering ITE and medical standards allows the
versatile FCS60 series to be used in a wide range of applications.
Dimensions:
FCS60:
2.00 x 4.00 x 1.04” (50.8 x 101.6 x 26.4 mm)


Número de pieza similar - FCS60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
FCS60SG ADAM-TECH-FCS60SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
More results

Descripción similar - FCS60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com