Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

L7113SEC-H Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. L7113SEC-H
Descripción  T-1 3/4 (5mm) LED LAMP
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

L7113SEC-H Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAB6931
REV NO: V.1
DATE: AUG/14/2002
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED: Allen Liu
DRAWN: F.Y.YUAN
Electrical / Optical Characteristics at TA=25
°°°°°C
Absolute Maximum Ratings at TA=25
°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
H
/
C
E
S
3
1
1
7
L)
P
l
A
a
G
n
I
(
E
G
N
A
R
O
R
E
P
Y
HR
A
E
L
C
R
E
T
A
W0
0
0
70
0
0
0
0
2
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T.
x
a
M.
x
a
M
.
x
a
M
.
x
a
M.
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pe
g
n
a
r
O
r
e
p
y
H0
4
6m
nI F
A
m
0
2
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
De
g
n
a
r
O
r
e
p
y
H0
3
6m
nI F
A
m
0
2
=
λ
2
/
1
h
t
d
i
w
-
f
l
a
H
e
n
i
L
l
a
r
t
c
e
p
Se
g
n
a
r
O
r
e
p
y
H5
2m
nI F
A
m
0
2
=
Ce
c
n
a
t
i
c
a
p
a
Ce
g
n
a
r
O
r
e
p
y
H7
2F
pV F
z
H
M
1
=
f
;
V
0
=
V F
e
g
a
t
l
o
V
d
r
a
w
r
o
Fe
g
n
a
r
O
r
e
p
y
H2
.
28
.
2V
I F
A
m
0
2
=
I R
t
n
e
r
r
u
C
e
s
r
e
v
e
Re
g
n
a
r
O
r
e
p
y
H0
1A
uVR
V
5
=
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
e
g
n
a
r
O
r
e
p
y
He
g
n
a
r
O
r
e
p
y
H
e
g
n
a
r
O
r
e
p
y
H
e
g
n
a
r
O
r
e
p
y
He
g
n
a
r
O
r
e
p
y
Hs
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
0
2
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
0
5
1A
m
e
g
a
t
l
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
i
t
a
r
e
p
O
0
4
-
°
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2
°
s
d
n
o
c
e
S
5
r
o
F
C


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MV5094ABIPOLAR T-1 3/4 5mm LED LAMP - DIFFUSED 1 2 3 4 Fairchild Semiconductor
5330H1Variable Height LED T-1 3/4 5mm Lamp Assembly 1 Chicago Miniature Lamp,inc
MV8B01SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8B11SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
L-56BIDT-1 3/4 5mm BLINKING LED LAMP 1 2 3 Kingbright Corporation
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
L-7113SYCT-1 3/4 5MM LED LAMP 1 2 3 Kingbright Corporation
W7113MBDKT-1 3/4 5mm ROUND LED LAMP 1 2 3 Kingbright Corporation
MVL-5A4SGT-1 3/4 f 5mm PACKAGE SOLID STATE LAMP 1 2 Unity Opto Technology
LC503MYL1-06QYellow 6 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn