Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

L7113SEC-H Datasheet(PDF) 1 Page - Kingbright Corporation

No. de Pieza. L7113SEC-H
Descripción  T-1 3/4 (5mm) LED LAMP
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

L7113SEC-H Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAB6931
REV NO: V.1
DATE: AUG/14/2002
PAGE: 1 OF 3
APPROVED: J.LU
CHECKED: Allen Liu
DRAWN: F.Y.YUAN
T-1 3/4 (5mm) LED LAMP
Features
!
ULTRA BRIGHTNESS.
!
WATER CLEAR LENS.
!
OUTSTANDING MATERIAL EFFICIENCY.
!
RELIABLE AND RUGGED.
!
IC COMPATIBLE/LOW CURRENT CAPABILITY.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Package Dimensions
L7113SEC/H
HYPER ORANGE
Description
The Hyper Orange source color devices are made
with DH InGaAlP on GaAs substrate Light Emitting
Diode.


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MV5094ABIPOLAR T-1 3/4 5mm LED LAMP - DIFFUSED 1 2 3 4 Fairchild Semiconductor
5330H1Variable Height LED T-1 3/4 5mm Lamp Assembly 1 Chicago Miniature Lamp,inc
MV8B01SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8B11SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
L-56BIDT-1 3/4 5mm BLINKING LED LAMP 1 2 3 Kingbright Corporation
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
L-7113SYCT-1 3/4 5MM LED LAMP 1 2 3 Kingbright Corporation
W7113MBDKT-1 3/4 5mm ROUND LED LAMP 1 2 3 Kingbright Corporation
MVL-5A4SGT-1 3/4 f 5mm PACKAGE SOLID STATE LAMP 1 2 Unity Opto Technology
LC503MYL1-06QYellow 6 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn