Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CFAF240400A0-030T Datasheet(PDF) 11 Page - Crystalfontz America, Inc.

No. de pieza CFAF240400A0-030T
Descripción Electrónicos  TFT DISPLAY MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Página de inicio  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAF240400A0-030T Datasheet(HTML) 11 Page - Crystalfontz America, Inc.

Back Button CFAF240400A0-030T Datasheet HTML 4Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 5Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 6Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 7Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 8Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 9Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 10Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 11Page - Crystalfontz America, Inc. CFAF240400A0-030T Datasheet HTML 12Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Crystalfontz
www.crystalfontz.com
CFAF240400A0-030T TFT Display Module
Datasheet Release Date
2019-06-03
Page | 11
Do not apply stress to the LSI chips and the surrounding molded sections.
Do not disassemble or modify the LCD display module.
Do not apply input signals while the logic power is off.
Pay sufficient attention to the working environments when handing the LCD display module to
prevent occurrence of element breakage accidents by static electricity.
o Be sure to make human body grounding when handling LCD display modules.
o Be sure to ground tools to use for assembly such as soldering irons.
o To suppress generation of static electricity, avoid carrying out assembly work under dry
environments.
o Protective film is being applied to the surface of the display panel of the LCD display
module. Be careful since static electricity may be generated when exfoliating the
protective film.
Protection film is being applied to the surface of the display panel and removes the protection
film before assembling it. At this time, if the LCD display module has been stored for a long
period of time, residue adhesive material of the protection film may remain on the surface of
the display panel after the film has been removed. In such a case, remove the residue material
by the method discussed above.
If electric current is applied when the LCD display module is being dewed or when it is placed
under high humidity environments, the electrodes may become corroded. If this happens
proceed with caution when handling the LCD display module.
12.3. Storage Precautions
When storing the LCD display modules put them in static electricity preventive bags to avoid
exposure to direct sunlight and fluorescent lamps. Also avoid high temperature and high
humidity environments and low temperatures (less than 0°C) environments. (We recommend
you store these modules in the packaged state when they were shipped from Crystalfontz). Be
careful not to let water drops adhere to the packages or bags, and do not let dew gather on
them.
If electric current is applied when water drops are adhering to the surface of the LCD display
module the LCD display module may have become dewed. If a dewed LCD display module is
placed under high humidity environments it may cause the electrodes to become corroded. If
this happens proceed with caution when handling the LCD display module.
12.4. Designing Precautions
The absolute maximum ratings are the ratings that cannot be exceeded for LCD display
module. If these values are exceeded, panel damage may happen.
To prevent occurrence of malfunctioning by noise pay attention to satisfy the VIL and VIH
specifications and, at the same time, to make the signal line cable as short as possible.
We recommend that you install excess current preventive unit (fuses, etc.) to the power circuit
(VDD). (Recommend value: 0.5A)
Pay sufficient attention to avoid occurrence of mutual noise interference with the neighboring
devices.
As for EMI, take necessary measures on the equipment side.
When fastening the LCD display module, fasten the external plastic housing section.
If the power supply to the LCD display module is forcibly shut down, by such errors as taking
out the main battery while the LCD display panel is in operation, we cannot guarantee the
quality of this LCD display module.
o Connection (contact) to any other potential than the above may lead to rupture of the IC.
12.5. Disposing Precautions
Request the qualified companies to handle the industrial wastes when disposing of the LCD
display modules. Or, when burning them, be sure to observe the environmental and hygienic
laws and regulations.
12.6. Other Precautions
When an LCD display module is operated for a long period of time with a fixed pattern, the
fixed pattern may remain as an after image or a slight contrast deviation may occur.
o If the operation is interrupted and left unused for a while, normal state can be restored.


Número de pieza similar - CFAF240400A0-030T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
CFAF240400C0-030SC CRYSTAIFONTZ-CFAF240400C0-030SC Datasheet
2Mb / 22P
   IPS TFT DISPLAY MODULE
CFAF240400E0-030TN CRYSTAIFONTZ-CFAF240400E0-030TN Datasheet
2Mb / 22P
   IPS TFT DISPLAY MODULE
More results

Descripción similar - CFAF240400A0-030T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystalfontz America, I...
CFAF240320D-032T CRYSTAIFONTZ-CFAF240320D-032T Datasheet
625Kb / 12P
   TFT DISPLAY MODULE
CFAF240320K1-024T-RT CRYSTAIFONTZ-CFAF240320K1-024T-RT Datasheet
510Kb / 13P
   TFT DISPLAY MODULE
CFAF240400B0-030T CRYSTAIFONTZ-CFAF240400B0-030T Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
CFAF480272C2-043T-TS CRYSTAIFONTZ-CFAF480272C2-043T-TS Datasheet
719Kb / 15P
   TFT DISPLAY MODULE
CFAF320480C4-035T CRYSTAIFONTZ-CFAF320480C4-035T Datasheet
637Kb / 12P
   TFT DISPLAY MODULE
CFAF320480C5-035T-TS CRYSTAIFONTZ-CFAF320480C5-035T-TS Datasheet
734Kb / 13P
   TFT DISPLAY MODULE
CFAF320240F-035T-TS CRYSTAIFONTZ-CFAF320240F-035T-TS Datasheet
1Mb / 17P
   TFT DISPLAY MODULE
CFAF176220U-020T CRYSTAIFONTZ-CFAF176220U-020T Datasheet
354Kb / 13P
   TFT DISPLAY MODULE
CFAF240320E-022T CRYSTAIFONTZ-CFAF240320E-022T Datasheet
289Kb / 12P
   TFT DISPLAY MODULE
CFAF480128A0-039TN CRYSTAIFONTZ-CFAF480128A0-039TN Datasheet
1Mb / 12P
   TFT DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com