Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX8713 Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de pieza MAX8713
Descripción Electrónicos  Simplified Multichemistry SMBus Battery Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8713 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8713 Datasheet HTML 1Page - Maxim Integrated Products MAX8713 Datasheet HTML 2Page - Maxim Integrated Products MAX8713 Datasheet HTML 3Page - Maxim Integrated Products MAX8713 Datasheet HTML 4Page - Maxim Integrated Products MAX8713 Datasheet HTML 5Page - Maxim Integrated Products MAX8713 Datasheet HTML 6Page - Maxim Integrated Products MAX8713 Datasheet HTML 7Page - Maxim Integrated Products MAX8713 Datasheet HTML 8Page - Maxim Integrated Products MAX8713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX8713 multichemistry battery charger simplifies
construction of smart chargers with a minimum number
of external components. It uses the Intel System
Management Bus (SMBus™) to control the charge volt-
age and charge current. High efficiency is achieved
through the use of a constant off-time step-down topol-
ogy with synchronous rectification.
The MAX8713 charges one to four lithium-ion (Li+) cells
in series and delivers over 2A charge current—scalable
with the sense resistor. The MAX8713 drives n-channel
MOSFETs for improved efficiency and reduced cost. A
low-offset charge-current-sense amplifier provides high-
accuracy charge current with small sense resistors.
The MAX8713 is available in a space-saving 24-pin
4mm x 4mm thin QFN package and operates over the
extended (-40°C to +85°C) temperature range. An eval-
uation kit is available to reduce design time.
Applications
Handset Car Kits
Digital Cameras
PDAs and Tablet Computers
Notebook Computers
Portable Equipment with Rechargeable Batteries
Features
♦ Over 2A Charge Current
♦ Intel SMBus 2-Wire Serial Interface
♦ ±0.6% Charge Voltage Accuracy
♦ 11-Bit Charge Voltage Resolution
♦ 6-Bit Charge Current Resolution
♦ Adjustable Switching Frequency
♦ +8V to +28V Input Voltage Range
♦ Cycle-By-Cycle Current Limit
♦ Charges Any Battery Chemistry (Li+, NiCd, NiMH,
Lead Acid, etc.)
♦ Small 24-Pin TQFN
Simplified Multichemistry
SMBus Battery Charger
________________________________________________________________ Maxim Integrated Products
1
19-3498; Rev 0; 11/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX8713ETG
-40°C to +85°C
24 Thin QFN 4mm x 4mm
REF
1
IC1
2
CCI
3
CCV
4
DAC
5
VDD
6
DLOV
18
DLO
17
PGND
16
CSIP
15
IC3
14
CSIN
13
7
8
9
10
11
12
24
23
22
21
20
19
MAX8713
*EXPOSED PADDLE
THIN QFN
(4mm x 4mm)
Pin Configuration
SMBus is a trademark of Intel Corp.
MAX8713
DCIN
DHI
CSIP
CSIN
BATT
DLOV
LDO
PGND
EXTERNAL
LOAD
N
N
GND
REF
CCI
CCV
DLO
BST
LX
DAC
VDD
SCL
SDA
FREQ
BATTERY
DCSNS
HOST
VDD
SCL
SDA
OPTIONAL
Typical Operating Circuit


Número de pieza similar - MAX8713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX871 MAXIM-MAX871 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX8710 MAXIM-MAX8710 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710-MAX8761 MAXIM-MAX8710-MAX8761 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710ETG++ MAXIM-MAX8710ETG+ Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8711 MAXIM-MAX8711 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
More results

Descripción similar - MAX8713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com