Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2576T-5 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza LM2576T-5
Descripción Electrónicos  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576T-5 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LM2576T-5 Datasheet HTML 4Page - ON Semiconductor LM2576T-5 Datasheet HTML 5Page - ON Semiconductor LM2576T-5 Datasheet HTML 6Page - ON Semiconductor LM2576T-5 Datasheet HTML 7Page - ON Semiconductor LM2576T-5 Datasheet HTML 8Page - ON Semiconductor LM2576T-5 Datasheet HTML 9Page - ON Semiconductor LM2576T-5 Datasheet HTML 10Page - ON Semiconductor LM2576T-5 Datasheet HTML 11Page - ON Semiconductor LM2576T-5 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LM2576
http://onsemi.com
8
Figure 15. Typical Test Circuit
D1
MBR360
L1
100
mH
Output
2
4
Feedback
Cout
1000
mF
Cin
100
mF
LM2576
Fixed Output
1
5
3ON/OFF
GN
D
Vin
Load
Vout
D1
MBR360
L1
100
mH
Output
2
4
Feedback
Cout
1000
mF
Cin
100
mF
LM2576
Adjustable
1
5
3ON/OFF
GN
D
Vin
Load
Vout
5,000 V
Fixed Output Voltage Versions
Adjustable Output Voltage Versions
Vout + Vref 1.0 )
R2
R1
R2
+ R1
Vout
V
ref
–1.0
Where Vref = 1.23 V, R1
between 1.0 k and 5.0 k
R2
R1
Cin
100
mF, 75 V, Aluminium Electrolytic
Cout
1000
mF, 25 V, Aluminium Electrolytic
D1
Schottky, MBR360
L1
100
mH, Pulse Eng. PE−92108
R1
2.0 k, 0.1%
R2
6.12 k, 0.1%
7.0 V − 40 V
Unregulated
DC Input
7.0 V − 40 V
Unregulated
DC Input
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate
voltage
transients
which
can
generate
electromagnetic interferences (EMI) and affect the desired
operation. As indicated in the Figure 15, to minimize
inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
For best results, single−point grounding (as indicated) or
ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 2
(emitter of the internal switch) of the LM2576 should be
kept to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors near
to the regulator, when using the adjustable version of the
LM2576 regulator.


Número de pieza similar - LM2576T-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
LM2576T-5 SEMTECH-LM2576T-5 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
logo
Motorola, Inc
LM2576T-5 MOTOROLA-LM2576T-5 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576T-5.0 TI-LM2576T-5.0 Datasheet
4Mb / 46P
[Old version datasheet]   LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
REVISED MARCH 2023
logo
National Semiconductor ...
LM2576T-5.0 NSC-LM2576T-5.0 Datasheet
489Kb / 12P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
LM2576T-5.0 NSC-LM2576T-5.0 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results

Descripción similar - LM2576T-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576_12 Datasheet
298Kb / 28P
   EASY SWITCHERER 3.0 A STEP?밆OWN VOLTAGE REGULATOR
LM2576 MOTOROLA-LM2576 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
FAN53527 ONSEMI-FAN53527 Datasheet
690Kb / 21P
   Buck Regulator, 3.0 A
December, 2019 ??Rev. 0
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
logo
ON Semiconductor
NCP631 ONSEMI-NCP631_06 Datasheet
129Kb / 9P
   3.0 A Linear Voltage Regulator with Soft?뭆tart
April, 2006 ??Rev. 5
NCP631 ONSEMI-NCP631 Datasheet
84Kb / 10P
   3.0 A Linear Voltage Regulator with Soft Start
April, 2003 - Rev. 3
logo
Allegro MicroSystems
A8698 ALLEGRO-A8698 Datasheet
616Kb / 12P
   Wide Input Voltage 3.0 A Step Down Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com