Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COP888CG Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP888CG
Descripción Electrónicos  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button COP888CG Datasheet HTML 22Page - National Semiconductor (TI) COP888CG Datasheet HTML 23Page - National Semiconductor (TI) COP888CG Datasheet HTML 24Page - National Semiconductor (TI) COP888CG Datasheet HTML 25Page - National Semiconductor (TI) COP888CG Datasheet HTML 26Page - National Semiconductor (TI) COP888CG Datasheet HTML 27Page - National Semiconductor (TI) COP888CG Datasheet HTML 28Page - National Semiconductor (TI) COP888CG Datasheet HTML 29Page - National Semiconductor (TI) COP888CG Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Detection of Illegal Conditions
The device can detect various illegal conditions resulting
from coding errors transient noise power supply voltage
drops runaway programs etc
Reading of undefined ROM gets zeros The opcode for soft-
ware interrupt is zero If the program fetches instructions
from undefined ROM this will force a software interrupt
thus signaling that an illegal condition has occurred
The subroutine stack grows down for each call (jump to
subroutine) interrupt or PUSH and grows up for each re-
turn or POP The stack pointer is initialized to RAM location
06F Hex during reset Consequently if there are more re-
turns than calls the stack pointer will point to addresses
070 and 071 Hex (which are undefined RAM) Undefined
RAM from addresses 070 to 07F (Segment 0) 140 to 17F
(Segment 1) and all other segments (ie Segments 3
etc) is read as all 1’s which in turn will cause the program
to return to address 7FFF Hex This is an undefined ROM
location and the instruction fetched (all 0’s) from this loca-
tion will generate a software interrupt signaling an illegal
condition
Thus the chip can detect the following illegal conditions
1 Executing from undefined ROM
2 Over ‘‘POP’’ing the stack by having more returns than
calls
When the software interrupt occurs the user can re-initialize
the stack pointer and do a recovery procedure before re-
starting (this recovery program is probably similar to that
following reset but might not contain the same program
initialization procedures) The recovery program should re-
set the software interrupt pending bit using the RPND in-
struction
MICROWIREPLUS
MICROWIREPLUS is a serial synchronous communica-
tions interface The MICROWIREPLUS capability enables
the device to interface with any of National Semiconductor’s
MICROWIRE peripherals (ie AD converters display driv-
ers E2PROMs etc) and with other microcontrollers which
support the MICROWIRE interface It consists of an 8-bit
serial shift register (SIO) with serial data input (SI) serial
data output (SO) and serial shift clock (SK)
Figure 17
shows a block diagram of the MICROWIREPLUS logic
TLDD12860 – 19
FIGURE 17 MICROWIREPLUS Block Diagram
The shift clock can be selected from either an internal
source or an external source Operating the MICROWIRE
PLUS arrangement with the internal clock source is called
the Master mode of operation Similarly operating the
MICROWIREPLUS arrangement with an external shift
clock is called the Slave mode of operation
The CNTRL register is used to configure and control the
MICROWIREPLUS mode To use the MICROWIREPLUS
the MSEL bit in the CNTRL register is set to one In the
master mode the SK clock rate is selected by the two bits
SL0 and SL1 in the CNTRL register Table VIII details the
different clock rates that may be selected
TABLE VIII MICROWIREPLUS
Master Mode Clock Select
SL1
SL0
SK
00
2 c tc
01
4 c tc
1x
8 c tc
Where tc is the instruction cycle clock
http
www nationalcom
26


Número de pieza similar - COP888CG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
COP888CG NSC-COP888CG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CG NSC-COP888CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888CG NSC-COP888CG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888CG TI1-COP888CG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888CG-XXX/N NSC-COP888CG-XXX/N Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Descripción similar - COP888CG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com