Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

COP888CG Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza COP888CG
Descripción Electrónicos  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP888CG Datasheet HTML 12Page - National Semiconductor (TI) COP888CG Datasheet HTML 13Page - National Semiconductor (TI) COP888CG Datasheet HTML 14Page - National Semiconductor (TI) COP888CG Datasheet HTML 15Page - National Semiconductor (TI) COP888CG Datasheet HTML 16Page - National Semiconductor (TI) COP888CG Datasheet HTML 17Page - National Semiconductor (TI) COP888CG Datasheet HTML 18Page - National Semiconductor (TI) COP888CG Datasheet HTML 19Page - National Semiconductor (TI) COP888CG Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
UART
The device contains a full-duplex software programmable
UART The UART
(Figure 12) consists of a transmit shift
register a receiver shift register and seven addressable reg-
isters as follows a transmit buffer register (TBUF) a receiv-
er buffer register (RBUF) a UART control and status regis-
ter (ENU) a UART receive control and status register
(ENUR) a UART interrupt and clock source register (ENUI)
a prescaler select register (PSR) and baud (BAUD) register
The ENU register contains flags for transmit and receive
functions this register also determines the length of the
data frame (7 8 or 9 bits) the value of the ninth bit in trans-
mission and parity selection bits The ENUR register flags
framing data overrun and parity errors while the UART is
receiving
Other functions of the ENUR register include saving the
ninth bit received in the data frame enabling or disabling the
UART’s attention mode of operation and providing addition-
al receivertransmitter status information via RCVG and
XMTG bits The determination of an internal or external
clock source is done by the ENUI register as well as select-
ing the number of stop bits and enabling or disabling trans-
mit and receive interrupts A control flag in this register can
also select the UART mode of operation asynchronous or
synchronous
TLDD12860 – 14
FIGURE 12 UART Block Diagram
http
www nationalcom
16


Número de pieza similar - COP888CG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
COP888CG NSC-COP888CG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CG NSC-COP888CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888CG NSC-COP888CG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888CG TI1-COP888CG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888CG-XXX/N NSC-COP888CG-XXX/N Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Descripción similar - COP888CG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com