Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM358DMR2 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LM358DMR2
Descripción Electrónicos  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358DMR2 Datasheet(HTML) 3 Page - ON Semiconductor

  LM358DMR2 Datasheet HTML 1Page - ON Semiconductor LM358DMR2 Datasheet HTML 2Page - ON Semiconductor LM358DMR2 Datasheet HTML 3Page - ON Semiconductor LM358DMR2 Datasheet HTML 4Page - ON Semiconductor LM358DMR2 Datasheet HTML 5Page - ON Semiconductor LM358DMR2 Datasheet HTML 6Page - ON Semiconductor LM358DMR2 Datasheet HTML 7Page - ON Semiconductor LM358DMR2 Datasheet HTML 8Page - ON Semiconductor LM358DMR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
3
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
LM258
LM358
LM2904, LM2904A
LM2904V, NCV2904
Unit
Power Supply Voltages
Vdc
Single Supply
VCC
32
26
Split Supplies
VCC, VEE
±16
±13
Input Differential Voltage Range (Note 1)
VIDR
±32
±26
Vdc
Input Common Mode Voltage Range (Note 2)
VICR
–0.3 to 32
–0.3 to 26
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction–to–Air (Note 3)
RqJA
238
°C/W
Storage Temperature Range
Tstg
–55 to +125
°C
ESD Tolerance – Human Body Model (Note 4)
2000
V
Operating Ambient Temperature Range
TA
°C
LM258
–25 to +85
LM358
0 to +70
LM2904/LM2904A
–40 to +105
LM2904V, NCV2904 (Note 5)
–40 to +125
1. Split Power Supplies.
2. For Supply Voltages less than 32 V for the LM258/358 and 26 V for the LM2904, A, V, the absolute maximum input voltage is equal to the
supply voltage.
3. RqJA for Case 846A.
4. ESD data available upon request.
5.
NCV2904 is qualified for automotive use.


Número de pieza similar - LM358DMR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM358DMR2 ONSEMI-LM358DMR2 Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
137Kb / 14P
   Single Supply Dual Operational Amplifiers
July, 2004 ??Rev. 18
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
142Kb / 14P
   Single Supply Dual Operational Amplifiers
October, 2016 ??Rev. 32
LM358DMR2G ONSEMI-LM358DMR2G Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results

Descripción similar - LM358DMR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com