Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-C-NJE Datasheet(PDF) 61 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-C-NJE
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-C-NJE Datasheet(HTML) 61 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-C-NJE Datasheet HTML 57Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 58Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 59Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89E52RD2-40-C-NJE Datasheet HTML 65Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
61
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
9.4 Read Operation Under Lock Condition
The status of security bits SB1, SB2, and SB3 can be read
when the read command is disabled by security lock.
There are three ways to read the status.
1. External host mode: Read-back = 00H (locked)
2. IAP command: Read-back = previous SFDT data
3. MOVC: Read-back = FFH (blank)
TABLE
9-1: SECURITY LOCK OPTIONS
Level
Security Lock Bits1,2
Security Status of:
Security Type
SFST[7:5]
SB1
SB21
SB31
Block 1
Block 0
1
000
U
U
U
Unlock
Unlock
No Security Features are Enabled.
2
100
P
U
U
SoftLock
SoftLock
MOVC instructions executed from
external program memory are dis-
abled from fetching code bytes from
internal memory, EA# is sampled and
latched on Reset, and further pro-
gramming of the flash is disabled.
3
011
101
U
P
P
U
P
P
Hard Lock
Hard Lock
Level 2 plus Verify disabled, both
blocks locked.
010
U
P
U
SoftLock
SoftLock
Level 2 plus Verify disabled. Code in
Block 1 may program Block 0 and vice
versa.
110
001
P
U
P
U
U
P
Hard Lock
SoftLock
Level 2 plus Verify disabled. Code in
Block 1 may program Block 0.
4
111
P
P
P
Hard Lock
Hard Lock
Same as Level 3 hard lock/hard lock,
but MCU will start code execution
from the internal memory regardless
of EA#.
T9-1.0 1255
1. P = Programmed (Bit logic state = 0), U = Unprogrammed (Bit logic state = 1).
2. SFST[7:5] = Security Lock Status Bits (SB1_i, SB2_i, SB3_i)


Número de pieza similar - SST89E52RD2-40-C-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-C-NJE SST-SST89E52RD2-40-C-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-C-NJE1 SST-SST89E52RD2-40-C-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-C-NJE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com