Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-TQJ Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-TQJ Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-TQJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
15
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
Expanded RAM Access (Indirect Addressing only):
MOVX
@DPTR, A
; DPTR contains 0A0H
DPTR points to 0A0H and data in “A” is written to address
0A0H of the expanded RAM rather than external memory.
Access to external memory higher than 2FFH using the
MOVX instruction will access external memory (0300H to
FFFFH) and will perform in the same way as the standard
8051, with P0 and P2 as data/address bus, and P3.6 and
P3.7 as write and read timing signals.
When EXTRAM = 1, MOVX @Ri and MOVX @DPTR will
be similar to the standard 8051. Using MOVX @Ri pro-
vides an 8-bit address with multiplexed data on Port 0.
Other output port pins can be used to output higher order
address bits. This provides external paging capabilities.
Using MOVX @DPTR generates a 16-bit address. This
allows external addressing up the 64K. Port 2 provides the
high-order eight address bits (DPH), and Port 0 multiplexes
the low order eight address bits (DPL) with data. Both
MOVX @Ri and MOVX @DPTR generates the necessary
read and write signals (P3.6 - WR# and P3.7 - RD#) for
external memory use. Table 3-5 shows external data mem-
ory RD#, WR# operation with EXTRAM bit.
The stack pointer (SP) can be located anywhere within the
256 bytes of internal RAM (lower 128 bytes and upper 128
bytes). The stack pointer may not be located in any part of
the expanded RAM.
TABLE
3-5: EXTERNAL DATA MEMORY RD#, WR# WITH EXTRAM BIT
MOVX @DPTR, A or MOVX A, @DPTR
MOVX @Ri, A or MOVX A, @Ri
AUXR
ADDR < 0300H
ADDR >= 0300H
ADDR = Any
EXTRAM = 0
RD# / WR# not asserted
RD# / WR# asserted
RD# / WR# not asserted1
1. Access limited to ERAM address within 0 to 0FFH; cannot access 100H to 02FFH.
EXTRAM = 1
RD# / WR# asserted
RD# / WR# asserted
RD# / WR# asserted
T3-5.0 1255


Número de pieza similar - SST89E52RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-TQJ SST-SST89E52RD2-40-I-TQJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJ SST-SST89E52RD2-40-I-TQJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE SST-SST89E52RD2-40-I-TQJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE1 SST-SST89E52RD2-40-I-TQJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJF2 SST-SST89E52RD2-40-I-TQJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com