Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-TQJ Datasheet(PDF) 44 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-TQJ Datasheet(HTML) 44 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-TQJ Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 41Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 42Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 43Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 44Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 45Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-TQJ Datasheet HTML 48Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
44
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
5.0 TIMERS/COUNTERS
5.1 Timers
The device has three 16-bit registers that can be used as
either timers or event counters. The three timers/counters
are denoted Timer 0 (T0), Timer 1 (T1), and Timer 2 (T2).
Each is designated a pair of 8-bit registers in the SFRs.
The pair consists of a most significant (high) byte and least
significant (low) byte. The respective registers are TL0,
TH0, TL1, TH1, TL2, and TH2.
5.2 Timer Set-up
Refer to Table 3-10 for TMOD, TCON, and T2CON regis-
ters regarding timers T0, T1, and T2. The following tables
provide TMOD values to be used to set up Timers T0, T1,
and T2.
Except for the baud rate generator mode, the values given
for T2CON do not include the setting of the TR2 bit. There-
fore, bit TR2 must be set separately to turn the timer on.
TABLE
5-1: TIMER/COUNTER 0
Mode
Function
TMOD
Internal
Control1
1. The Timer is turned ON/OFF by setting/clearing
bit TR0 in the software.
External
Control2
2. The Timer is turned ON/OFF by the 1 to 0 transition
on INT0# (P3.2) when TR0 = 1 (hardware control).
Used as
Timer
0
13-bit Timer
00H
08H
1
16-bit Timer
01H
09H
2
8-bit Auto-Reload
02H
0AH
3
Two 8-bit Timers
03H
0BH
Used as
Counter
0
13-bit Timer
04H
0CH
1
16-bit Timer
05H
0DH
2
8-bit Auto-Reload
06H
0EH
3
Two 8-bit Timers
07H
0FH
T5-1.0 1255
TABLE
5-2: TIMER/COUNTER 1
Mode
Function
TMOD
Internal
Control1
External
Control2
Used as
Timer
0
13-bit Timer
00H
80H
1
16-bit Timer
10H
90H
2
8-bit Auto-Reload
20H
A0H
3
Does not run
30H
B0H
Used as
Counter
0
13-bit Timer
40H
C0H
1
16-bit Timer
50H
D0H
2
8-bit Auto-Reload
60H
E0H
3
Not available
-
-
T5-2.0 1255
1. The Timer is turned ON/OFF by setting/clearing bit
TR1 in the software.
2. The Timer is turned ON/OFF by the 1 to 0 transition
on INT1# (P3.3) when TR1 = 1 (hardware control).
TABLE
5-3: TIMER/COUNTER 2
Mode
T2CON
Internal
Control1
1. Capture/Reload occurs only on timer/counter overflow.
External
Control2
2. Capture/Reload occurs on timer/counter overflow and a 1
to 0 transition on T2EX (P1.1) pin except when Timer 2 is
used in the baud rate generating mode.
Used as
Timer
16-bit Auto-Reload
00H
08H
16-bit Capture
01H
09H
Baud rate generator
receive and transmit
same baud rate
34H
36H
Receive only
24H
26H
Transmit only
14H
16H
Used as
Counter
16-bit Auto-Reload
02H
0AH
16-bit Capture
03H
0BH
T5-3.0 1255


Número de pieza similar - SST89E52RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-TQJ SST-SST89E52RD2-40-I-TQJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJ SST-SST89E52RD2-40-I-TQJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE SST-SST89E52RD2-40-I-TQJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJE1 SST-SST89E52RD2-40-I-TQJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-TQJF2 SST-SST89E52RD2-40-I-TQJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com