Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-PIE Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-PIE
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-PIE Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-PIE Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PIE Datasheet HTML 27Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
23
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
Symbol
Function
SFDT
Mailbox register for interfacing with flash memory block. (Data register).
Symbol
Function
SB1_i
Security Bit 1 status (inverse of SB1 bit)
SB2_i
Security Bit 2 status (inverse of SB2 bit)
SB3_i
Security Bit 3 status (inverse of SB3 bit)
Please refer to Table 9-1 for security lock options.
EDC_i
Double Clock Status
0: 12 clocks per machine cycle
1: 6 clocks per machine cycle
FLASH_BUSY Flash operation completion polling bit.
0: Device has fully completed the last IAP command.
1: Device is busy with flash operation.
SuperFlash Data Register (SFDT)
Location
76543210
Reset Value
B5H
SuperFlash Data Register
00H
SuperFlash Status Register (SFST) (Read Only Register)
Location
76
54
3
2
1
0
Reset Value
B6H
SB1_i
SB2_i
SB3_i
-
EDC_i
FLASH_BUSY
-
-
xxxxx0xxb


Número de pieza similar - SST89E52RD2-40-I-PIE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-PIE1 SST-SST89E52RD2-40-I-PIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-PIE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com