Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-PI Datasheet(PDF) 37 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-PI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-PI Datasheet(HTML) 37 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-PI Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 39Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 40Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-PI Datasheet HTML 41Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
37
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
4.1.1 Product Identification
The Read-ID command accesses the Signature Bytes that
identify the device and the manufacturer as SST. External
programmers primarily use these Signature Bytes in the
selection of programming algorithms. The Read-ID com-
mand is selected by the command code of 0H on P3[7:6]
and P2[7:6]. See Figure 14-14 for timing waveforms.
4.1.2 Arming Command
An arming command sequence must take place before
any external host mode sequence command is recognized
by the device. This prevents accidental triggering of exter-
nal host mode commands due to noise or programmer
error. The arming command is as follows:
1. PSEN# goes low while RST is high. This will get
the machine in external host mode, re-configuring
the pins, and turning on the on-chip oscillator.
2. A Read-ID command is issued, and after 1 ms the
external host mode commands can be issued.
After the above sequence, all other external host mode
commands are enabled. Before the Read-ID command is
received, all other external host mode commands received
are ignored.
4.1.3 External Host Mode Commands
The external host mode commands are Read-ID, Chip-
Erase, Block-Erase, Sector-Erase, Byte-Program, Byte-
Verify, Prog-SB1, Prog-SB2, Prog-SB3, Prog-SC0, Prog-
SC1, Select-Block0, Select-Block1. See Table 4-1 for all
signal logic assignments, Figure 4-1 for I/O pin assign-
ments, and Table 14-11 for the timing parameters. The criti-
cal timing for all Erase and Program commands is
generated by an on-chip flash memory controller. The high-
to-low transition of the PROG# signal initiates the Erase or
Program commands, which are synchronized internally.
The Read commands are asynchronous reads, indepen-
dent of the PROG# signal level.
A detailed description of the external host mode com-
mands follows.
The Select-Block0 command enables Block 0 to be pro-
grammed in external host mode. Once this command is
executed, all subsequent external host Commands will be
directed at Block 0. See Figure 14-15 for timing waveforms.
The Select-Block1 command enables Block 1 (8 KByte
Block) to be programmed. Once this command is exe-
cuted, all subsequent external host Commands that are
directed to the address range below 2000H will be directed
at Block 1. The Select-Block1 command only affects the
lowest 8 KByte of the program address space. For
addresses greater than or equal to 2000H, Block 0 is
accessed by default. Upon entering external host mode,
Block 1 is selected by default.
The Chip-Erase, Block-Erase, and Sector-Erase com-
mands are used for erasing all or part of the memory array.
Erased data bytes in the memory array will be erased to
FFH. Memory locations that are to be programmed must
be in the erased state prior to programming.
The Chip-Erase command erases all bytes in both memory
blocks, regardless of any previous Select-Block0 or Select-
Block1 commands. Chip-Erase ignores the Security Lock
status and will erase the Security Lock, returning the device
to its Unlocked state. The Chip-Erase command will also
erase the SC0 bit. Upon completion of the Chip-Erase
command, Block 1 will be the selected block. See Figure
14-16 for timing waveforms.
The Block-Erase command erases all bytes in the selected
memory blocks. This command will not be executed if the
security lock is enabled. The selection of the memory block
to be erased is determined by the prior execution Select-
Block0 or Select-Block1 command. See Figure 14-18 for
the timing waveforms.
The Sector-Erase command erases all of the bytes in a
sector. The sector size for the flash memory is 128 Bytes.
This command will not be executed if the Security lock is
enabled. See Figure 14-19 for timing waveforms.
The Byte-Program command is used for programming new
data into the memory array. Programming will not take
place if any security locks are enabled. See Figure 14-20
for timing waveforms.
The Byte-Verify command allows the user to verify that the
device correctly performed an Erase or Program com-
mand. This command will be disabled if any security locks
are enabled. See Figure 14-23 for timing waveforms.
TABLE
4-3: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
30H
BFH
Device ID
SST89E52RD2
31H
9CH
SST89V52RD2
31H
9DH
SST89E54RD2
31H
9EH
SST89V54RD2
31H
9FH
SST89E58RD2
31H
9BH
SST89V58RD2
31H
9AH
SST89E516RD2
31H
92H
SST89V516RD2
31H
93H
T4-3.0 1255


Número de pieza similar - SST89V58RD2-33-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-PI SST-SST89V58RD2-33-C-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-PIE1 SST-SST89V58RD2-33-C-PIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-PIF2 SST-SST89V58RD2-33-C-PIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V58RD2-33-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com