Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SST89E58RD2-40-C-PI Datasheet(PDF) 26 Page - Silicon Storage Technology, Inc |
|
SST89E58RD2-40-C-PI Datasheet(HTML) 26 Page - Silicon Storage Technology, Inc |
26 / 91 page 26 Preliminary Specifications FlashFlex51 MCU SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2 SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2 ©2004 Silicon Storage Technology, Inc. S71255-00-000 3/04 Symbol Function EXTRAM Internal/External RAM access 0: Internal Expanded RAM access within range of 00H to 2FFH using MOVX @Ri / @DPTR. Beyond 300H, the MCU always accesses external data memory. For details, refer to Section 3.4, “Expanded Data RAM Addressing” . 1: External data memory access. AO Disable/Enable ALE 0: ALE is emitted at a constant rate of 1/3 the oscillator frequency in 6 clock mode, 1/6 fOSC in 12 clock mode. 1: ALE is active only during a MOVX or MOVC instruction. Symbol Function GF2 General purpose user-defined flag. DPS DPTR registers select bit. 0: DPTR0 is selected. 1: DPTR1 is selected. Symbol Function WDOUT Watchdog output enable. 0: Watchdog reset will not be exported on Reset pin. 1: Watchdog reset if enabled by WDRE, will assert Reset pin for 32 clocks. WDRE Watchdog timer reset enable. 0: Disable watchdog timer reset. 1: Enable watchdog timer reset. WDTS Watchdog timer reset flag. 0: External hardware reset or power-on reset clears the flag. Flag can also be cleared by writing a 1. Flag survives if chip reset happened because of watchdog timer overflow. 1: Hardware sets the flag on watchdog overflow. WDT Watchdog timer refresh. 0: Hardware resets the bit when refresh is done. 1: Software sets the bit to force a watchdog timer refresh. SWDT Start watchdog timer. 0: Stop WDT. 1: Start WDT. Auxiliary Register (AUXR) Location 76543210 Reset Value 8EH ------ EXTRAM AO xxxxxx00b Auxiliary Register 1 (AUXR1) Location 76543210 Reset Value A2H ---- GF2 0 - DPS xxxx00x0b Watchdog Timer Control Register (WDTC) Location 76543210 Reset Value C0H - - - WDOUT WDRE WDTS WDT SWDT xxx00000b |
Número de pieza similar - SST89E58RD2-40-C-PI |
|
Descripción similar - SST89E58RD2-40-C-PI |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |