Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-PI Datasheet(PDF) 55 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-PI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-PI Datasheet(HTML) 55 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-PI Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 54Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 55Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 56Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 57Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 58Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 59Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
55
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
8.3.1 Capture Mode
Capture mode is used to capture the PCA timer/counter
value into a module’s capture registers (CCAPnH and
CCAPnL). The capture will occur on a positive edge, nega-
tive edge, or both on the corresponding module’s pin. To
use one of the PCA modules in the capture mode, either
one or both the CCAPM bits CAPN and CAPP for that
module must be set. When a valid transition occurs on the
CEX pin corresponding to the module used, the PCA hard-
ware loads the 16-bit value of the PCA counter register (CH
and CL) into the module’s capture registers (CCAPnL and
CCAPnH). If the CCFn bit for the module in the CCON
SFR and the ECCFn bit in the CCAPMn SFR are set, then
an interrupt will be generated. In the interrupt service rou-
tine, the 16-bit capture value must be saved in RAM before
the next event capture occurs. If a subsequent capture
occurred, the original capture values would be lost. After
flag event flag has been set by hardware, the user must
clear the flag in software. (See Figure 8-2)
FIGURE
8-2: PCA CAPTURE MODE
1255 F24.0
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
ECOMn CAPPn CAPNn
MATn
TOGn
PWMn ECCFn
CCON
CCAPMn
n=0 to 4
PCA Interrupt
CH
CL
CCAPnH
CCAPnL
PCA Timer/Counter
Capture
CEXn
00
0
0


Número de pieza similar - SST89E58RD2-40-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-PI SST-SST89E58RD2-40-C-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-PIE1 SST-SST89E58RD2-40-C-PIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-PIF2 SST-SST89E58RD2-40-C-PIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com