Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-PI Datasheet(PDF) 63 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-PI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-PI Datasheet(HTML) 63 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-PI Datasheet HTML 59Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-PI Datasheet HTML 67Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
63
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
10.0 RESET
A system reset initializes the MCU and begins program
execution at program memory location 0000H. The reset
input for the device is the RST pin. In order to reset the
device, a logic level high must be applied to the RST pin for
at least two machine cycles (24 clocks), after the oscillator
becomes stable. ALE, PSEN# are weakly pulled high dur-
ing reset. During reset, ALE and PSEN# output a high level
in order to perform a proper reset. This level must not be
affected by external element. A system reset will not affect
the 1 KByte of on-chip RAM while the device is running,
however, the contents of the on-chip RAM during power up
are indeterminate. Following reset, all Special Function
Registers (SFR) return to their reset values outlined in
Tables 3-7 to 3-11.
10.1 Power-on Reset
At initial power up, the port pins will be in a random state
until the oscillator has started and the internal reset algo-
rithm has weakly pulled all pins high. Powering up the
device without a valid reset could cause the MCU to
start executing instructions from an indeterminate
location. Such undefined states may inadvertently cor-
rupt the code in the flash.
When power is applied to the device, the RST pin must be
held high long enough for the oscillator to start up (usually
several milliseconds for a low frequency crystal), in addition
to two machine cycles for a valid power-on reset. An exam-
ple of a method to extend the RST signal is to implement a
RC circuit by connecting the RST pin to VDD through a 10
µF capacitor and to VSS through an 8.2KΩ resistor as
shown in Figure 10-1. Note that if an RC circuit is being
used, provisions should be made to ensure the VDD rise
time does not exceed 1 millisecond and the oscillator start-
up time does not exceed 10 milliseconds.
For a low frequency oscillator with slow start-up time the
reset signal must be extended in order to account for the
slow start-up time. This method maintains the necessary
relationship between VDD and RST to avoid programming
at an indeterminate location, which may cause corruption
in the code of the flash. The power-on detection is
designed to work as power up initially, before the voltage
reaches the brown-out detection level. The POF flag in the
PCON register is set to indicate an initial power up condi-
tion. The POF flag will remain active until cleared by soft-
ware. Please refer to Section 3.5, PCON register definition
for detail information.
For more information on system level design techniques,
please review the
Design Considerations for the SST
FlashFlex51 Family Microcontroller application note.
FIGURE
10-1: POWER-ON RESET CIRCUIT
10.2 Software Reset
The software reset is executed by changing SFCF[1]
(SWR) from “0” to “1”. A software reset will reset the pro-
gram counter to address 0000H. All SFR registers will be
set to their reset values, except SFCF[1] (SWR), WDTC[2]
(WDTS), and RAM data will not be altered.
10.3 Brown-out Detection Reset
The device includes a brown-out detection circuit to protect
the system from severed supplied voltage VDD fluctuations.
SST89E5xxRD2 internal brown-out detection threshold is
3.85V, SST89V5xxRD2 brown-out detection threshold is
2.35V. For brown-out voltage parameters, please refer to
Tables 14-6 and 14-7.
When VDD drops below this voltage threshold, the brown-
out detector triggers the circuit to generate a brown-out
interrupt but the CPU still runs until the supplied voltage
returns to the brown-out detection voltage VBOD. The
default operation for a brown-out detection is to cause a
processor reset.
VDD must stay below VBOD at least four oscillator clock peri-
ods before the brown-out detection circuit will respond.
Brown-out interrupt can be enabled by setting the EBO bit
in IEA register (address E8H, bit 3). If EBO bit is set and a
brown-out condition occurs, a brown-out interrupt will be
generated to execute the program at location 004BH. It is
required that the EBO bit be cleared by software after the
brown-out interrupt is serviced. Clearing EBO bit when the
brown-out condition is active will properly reset the device.
If brown-out interrupt is not enabled, a brown-out condition
will reset the program to resume execution at location
0000H.
1255 F30.0
VDD
VDD
10µF
+
-
8.2K
SST89E/V5xxRD2
RST
XTAL2
XTAL1
C1
C2


Número de pieza similar - SST89E58RD2-40-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-PI SST-SST89E58RD2-40-C-PI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-PIE1 SST-SST89E58RD2-40-C-PIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-PIF2 SST-SST89E58RD2-40-C-PIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com