Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EPT23DT Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC100EPT23DT
Descripción Electrónicos  Dual Differential LVPECL to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT23DT Datasheet(HTML) 6 Page - ON Semiconductor

  MC100EPT23DT Datasheet HTML 1Page - ON Semiconductor MC100EPT23DT Datasheet HTML 2Page - ON Semiconductor MC100EPT23DT Datasheet HTML 3Page - ON Semiconductor MC100EPT23DT Datasheet HTML 4Page - ON Semiconductor MC100EPT23DT Datasheet HTML 5Page - ON Semiconductor MC100EPT23DT Datasheet HTML 6Page - ON Semiconductor MC100EPT23DT Datasheet HTML 7Page - ON Semiconductor MC100EPT23DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC100EPT23
http://onsemi.com
6
PACKAGE DIMENSIONS
SOIC−8 NB
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751−07
ISSUE AE
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Número de pieza similar - MC100EPT23DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT23DT ONSEMI-MC100EPT23DT Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23DTG ONSEMI-MC100EPT23DTG Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23DTG ONSEMI-MC100EPT23DTG Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT23DTR2 ONSEMI-MC100EPT23DTR2 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23DTR2G ONSEMI-MC100EPT23DTR2G Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Descripción similar - MC100EPT23DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Micrel Semiconductor
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
   3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com