Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V58RD2-33-C-NI Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

No. de pieza SST89V58RD2-33-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V58RD2-33-C-NI Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST89V58RD2-33-C-NI Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 30Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89V58RD2-33-C-NI Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
29
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
Symbol
Function
-
Not implemented, reserved for future use.
Note: User should not write ‘1’s to reserved bits. The value read from a reserved bit is indeterminate.
ECOMn
Enable Comparator
0: Disables the comparator function
1: Enables the comparator function
CAPPn
Capture Positive
0: Disables positive edge capture on CEX[4:0]
1: Enables positive edge capture on CEX[4:0]
CAPNn
Capture Negative
0: Disables negative edge capture on CEX[4:0]
1: Enables negative edge capture on CEX[4:0]
MATn
Match: Set ECOM[4:0] and MAT[4:0] to implement the software timer mode
0: Disables software timer mode
1: A match of the PCA counter with this module’s compare/capture register causes the
CCFn bit in CCON to be set, flagging an interrupt.
TOGn
Toggle
0: Disables toggle function
1: A match of the PCA counter with this module’s compare/capture register causes the
the CEXn pin to toggle.
PWMn
Pulse Width Modulation mode
0: Disables PWM mode
1: Enables CEXn pin to be used as a pulse width modulated output
ECCFn
Enable CCF Interrupt
0: Disables compare/capture flag CCF[4:0] in the CCON register to generate an
interrupt request.
1: Enables compare/capture flag CCF[4:0] in the CCON register to generate an
interrupt request.
PCA Compare/Capture Module Mode Register1 (CCAPMn)
Location
76543210
Reset Value
DAH
-
ECOM0
CAPP0
CAPN0
MAT0
TOG0
PWM0
ECCF0
00xxx000b
DBH
-
ECOM1
CAPP1
CAPN1
MAT1
TOG1
PWM1
ECCF1
00xxx000b
DCH
-
ECOM2
CAPP2
CAPN2
MAT2
TOG2
PWM2
ECCF2
00xxx000b
DDH
-
ECOM3
CAPP3
CAPN3
MAT3
TOG3
PWM3
ECCF3
00xxx000b
DEH
-
ECOM4
CAPP4
CAPN4
MAT4
TOG4
PWM4
ECCF4
00xxx000b
1. Not bit addressable


Número de pieza similar - SST89V58RD2-33-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V58RD2-33-C-NI SST-SST89V58RD2-33-C-NI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-NIE1 SST-SST89V58RD2-33-C-NIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V58RD2-33-C-NIF2 SST-SST89V58RD2-33-C-NIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V58RD2-33-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com