Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-NI Datasheet(PDF) 35 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-NI Datasheet(HTML) 35 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-NI Datasheet HTML 31Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 32Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 33Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 34Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 35Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 36Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 37Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 38Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NI Datasheet HTML 39Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
35
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
4.0 FLASH MEMORY PROGRAMMING
The device internal flash memory can be programmed or
erased using the following two methods:
External Host Programming mode
In-Application Programming (IAP) mode
4.1 External Host Programming Mode
External host programming mode allows the user to pro-
gram the flash memory directly without using the CPU.
External host mode is entered by forcing PSEN# from a
logic high to a logic low while RST input is being held con-
tinuously high. The device will stay in external host mode
as long as RST = 1 and PSEN# = 0.
A Read-ID operation is necessary to “arm” the device in
external host mode, and no other external host mode com-
mands can be enabled until a Read-ID is performed. In
external host mode, the internal flash memory blocks are
accessed through the re-assigned I/O port pins (see Figure
4-1 for details) by an external host, such as a MCU program-
mer, a PCB tester or a PC-controlled development board.
Note: VIL = Input Low Voltage; VIH = Input High Voltage; VIH1 = Input High Voltage (XTAL, RST); X = Don’t care; AL = Address low order byte;
AH = Address high order byte; DI = Data Input; DO = Data Output; A[15:13] = 0xxb for Block 0 and A[15:13] = 111b for Block 1
TABLE
4-1: EXTERNAL HOST MODE COMMANDS FOR SST89E/V5XRD2
Operation
RST
PSEN#
PROG#/
ALE
EA#
P3[7]
P3[6]
P2[7]
P2[6]
P0[7:0]
P3[5:4]
P2[5:0]
P1[7:0]
Read-ID
VIH1
VIL
VIH
VIH
VIL
VIL
VIL
VIL
DO
AH
AL
Chip-Erase
VIH1
VIL
1
1. Symbol
signifies a negative pulse and the command is asserted during the low state of PROG#/ALE input.
All other combinations of the above input pins are invalid and may result in unexpected behaviors.
VIH
VIL
VIL
VIL
VIH
XXX
Block-Erase
VIH1
VIL
VIH
VIH
VIH
VIL
VIH
X
A[15:13]
X
Sector-Erase
VIH1
VIL
VIH
VIH
VIL
VIH
VIH
XAH
AL
Byte-Program
VIH1
VIL
VIH
VIH
VIH
VIH
VIL
DI
AH
AL
Byte-Verify (Read)
VIH1
VIL
VIH
VIH
VIH
VIH
VIL
VIL
DO
AH
AL
Prog-SC0
VIH1
VIL
VIH
VIH
VIL
VIL
VIH
X5AH
X
Prog-SC1
VIH1
VIL
VIH
VIH
VIL
VIL
VIH
X
AAH
X
Prog-SB1
VIH1
VIL
VIH
VIH
VIH
VIH
VIH
XXX
Prog-SB2
VIH1
VIL
VIH
VIL
VIL
VIH
VIH
XXX
Prog-SB3
VIH1
VIL
VIH
VIL
VIH
VIL
VIH
XXX
Enable-Clock-Double
VIH1
VIL
VIH
VIH
VIL
VIL
VIL
X
55H
X
T4-1.0 1255


Número de pieza similar - SST89E58RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-NI SST-SST89E58RD2-40-C-NI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NIE1 SST-SST89E58RD2-40-C-NIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NIF2 SST-SST89E58RD2-40-C-NIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com