Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E516RD2-40-C-NI Datasheet(PDF) 26 Page - Silicon Storage Technology, Inc

No. de pieza SST89E516RD2-40-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-C-NI Datasheet(HTML) 26 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-C-NI Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 24Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 25Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 26Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 27Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 28Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 29Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 30Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
26
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
Symbol
Function
EXTRAM
Internal/External RAM access
0: Internal Expanded RAM access within range of 00H to 2FFH using MOVX @Ri /
@DPTR. Beyond 300H, the MCU always accesses external data memory.
For details, refer to Section 3.4, “Expanded Data RAM Addressing” .
1: External data memory access.
AO
Disable/Enable ALE
0: ALE is emitted at a constant rate of 1/3 the oscillator frequency in 6 clock mode, 1/6 fOSC in
12 clock mode.
1: ALE is active only during a MOVX or MOVC instruction.
Symbol
Function
GF2
General purpose user-defined flag.
DPS
DPTR registers select bit.
0: DPTR0 is selected.
1: DPTR1 is selected.
Symbol
Function
WDOUT
Watchdog output enable.
0: Watchdog reset will not be exported on Reset pin.
1: Watchdog reset if enabled by WDRE, will assert Reset pin for 32 clocks.
WDRE
Watchdog timer reset enable.
0: Disable watchdog timer reset.
1: Enable watchdog timer reset.
WDTS
Watchdog timer reset flag.
0: External hardware reset or power-on reset clears the flag.
Flag can also be cleared by writing a 1.
Flag survives if chip reset happened because of watchdog timer overflow.
1: Hardware sets the flag on watchdog overflow.
WDT
Watchdog timer refresh.
0: Hardware resets the bit when refresh is done.
1: Software sets the bit to force a watchdog timer refresh.
SWDT
Start watchdog timer.
0: Stop WDT.
1: Start WDT.
Auxiliary Register (AUXR)
Location
76543210
Reset Value
8EH
------
EXTRAM
AO
xxxxxx00b
Auxiliary Register 1 (AUXR1)
Location
76543210
Reset Value
A2H
----
GF2
0
-
DPS
xxxx00x0b
Watchdog Timer Control Register (WDTC)
Location
76543210
Reset Value
C0H
-
-
-
WDOUT
WDRE
WDTS
WDT
SWDT
xxx00000b


Número de pieza similar - SST89E516RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2-40-C-NJE SST-SST89E516RD2-40-C-NJE Datasheet
831Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89E516RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com