Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E516RD2-40-C-NI Datasheet(PDF) 64 Page - Silicon Storage Technology, Inc

No. de pieza SST89E516RD2-40-C-NI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-C-NI Datasheet(HTML) 64 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-C-NI Datasheet HTML 60Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 61Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 62Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 63Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 64Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 65Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 66Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 67Page - Silicon Storage Technology, Inc SST89E516RD2-40-C-NI Datasheet HTML 68Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
64
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
11.0 INTERRUPTS
11.1 Interrupt Priority and Polling Sequence
The device supports eight interrupt sources under a four level priority scheme. Table 11-1 summarizes the polling
sequence of the supported interrupts. Note that the SPI serial interface and the UART share the same interrupt
vector. (See Figure 11-1)
TABLE
11-1: INTERRUPT POLLING SEQUENCE
Description
Interrupt Flag
Vector
Address
Interrupt
Enable
Interrupt
Priority
Service
Priority
Wake-Up
Power-down
Ext. Int0
IE0
0003H
EX0
PX0/H
1(highest)
yes
Brown-out
-
004BH
EBO
PBO/H
2
no
T0
TF0
000BH
ET0
PT0/H
3
no
Ext. Int1
IE1
0013H
EX1
PX1/H
4
yes
T1
TF1
001BH
ET1
PT1/H
5
no
PCA
CF/CCFn
0033H
EC
PPCH
6
no
Ext. Int. 2
IE2
003BH
EX2
PX2/H
7
no
Ext. Int. 3
IE3
0043H
EX3
PX3/H
8
no
UART/SPI
TI/RI/SPIF
0023H
ES
PS/H
9
no
T2
TF2, EXF2
002BH
ET2
PT2/H
10
no
T11-1.0 1255


Número de pieza similar - SST89E516RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2-40-C-NJE SST-SST89E516RD2-40-C-NJE Datasheet
831Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89E516RD2-40-C-NI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com