Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-21366SCSQ-ENG Datasheet(PDF) 6 Page - Analog Devices |
|
ADSP-21366SCSQ-ENG Datasheet(HTML) 6 Page - Analog Devices |
6 / 54 page Rev. PrA | Page 6 of 54 | September 2004 ADSP-21365/6 Preliminary Technical Data Using the DM bus and PM buses, with one bus dedicated to each memory block, assures single-cycle execution with two data transfers. In this case, the instruction must be available in the cache. DMA Controller The ADSP-21365/6’s on-chip DMA controller allows data transfers without processor intervention. The DMA controller operates independently and invisibly to the processor core, allowing DMA operations to occur while the core is simulta- neously executing its program instructions. DMA transfers can occur between the ADSP-21365/6’s internal memory and its serial ports, the SPI-compatible (Serial Peripheral Interface) ports, the IDP (Input Data Port), the Parallel Data Acquisition Port (PDAP) or the parallel port. Twenty-five channels of DMA are available on the ADSP-21365/6—two for the SPI interface, twelve via the serial ports, eight via the Input Data Port, two for DTCP (or memory-to-memory data transfer when DTCP is not used), and one via the processor’s parallel port. Programs can be downloaded to the ADSP-21365/6 using DMA transfers. Other DMA features include interrupt generation upon completion of DMA transfers, and DMA chaining for automatic linked DMA transfers. Digital Audio Interface (DAI) The Digital Audio Interface (DAI) provides the ability to con- nect various peripherals to any of the DSPs DAI pins (DAI_P20–1). Programs make these connections using the Signal Routing Unit (SRU, shown in Figure 3). The SRU is a matrix routing unit (or group of multiplexers) that enables the peripherals provided by the DAI to be intercon- nected under software control. This allows easy use of the DAI associated peripherals for a much wider variety of applications by using a larger set of algorithms than is possible with noncon- figurable signal paths. The DAI also includes six serial ports, an S/PDIF receiver/trans- mitter, a DTCP cipher (ADSP-21365 only), a precision clock generator (PCG), eight channels of asynchronous sample rate converters, an input data port (IDP), an SPI port, six flag out- puts and six flag inputs, and three timers. The IDP provides an additional input path to the ADSP-21365/6 core, configurable as either eight channels of I2S serial data or as seven channels plus a single 20-bit wide synchronous parallel data acquisition port. Each data channel has its own DMA channel that is inde- pendent from the ADSP-21365/6's serial ports. For complete information on using the DAI, see the ADSP- 2136x SHARC Processor Hardware Reference. Serial Ports The ADSP-21365/6 features six synchronous serial ports that provide an inexpensive interface to a wide variety of digital and mixed-signal peripheral devices such as Analog devices AD183x family of audio codecs, ADCs, and DACs. The serial ports are made up of two data lines, a clock and frame sync. The data lines can be programmed to either transmit or receive and each data line has a dedicated DMA channel. Serial ports are enabled via 12 programmable and simultaneous receive or transmit pins that support up to 24 transmit or 24 receive channels of audio data when all six SPORTS are enabled, or six full duplex TDM streams of 128 channels per frame. The serial ports operate at a maximum data rate of 50M bits/s. Serial port data can be automatically transferred to and from on-chip memory via dedicated DMA channels. Each of the serial ports can work in conjunction with another serial port to provide TDM support. One SPORT provides two transmit sig- nals while the other SPORT provides the two receive signals. The frame sync and clock are shared. Serial ports operate in four modes: • Standard DSP serial mode •Multichannel (TDM) mode •I2S mode • Left-justified sample pair mode Figure 3. ADSP-21365/6 I/O Processor and Peripherals Block Diagram 16 3 PRECISION CLOCK GENERATORS (2) SPI PORT (1) 4 SERIAL PORTS (6) INPUT DATA PORTS (8) TIMERS (3) 3 DMA CONTROLLER PARALLEL PORT 4 GPIO FLAGS/IRQ/TIMEXP ADDRESS/DATA BUS/ GPIO CONTROL/GPIO DIGITAL AUDIO INTERFACE 25 CHANNELS TO PROCESSOR BUSES AND SYSTEM MEMORY IO ADDRESS BUS (18) SRC (8 CHANNELS) SPDIF (RX/TX) DTCP CIPHER PWM (16) IO DATA BUS (32) SPI PORT (1) 4 20 I/O PROCESSOR |
Número de pieza similar - ADSP-21366SCSQ-ENG |
|
Descripción similar - ADSP-21366SCSQ-ENG |