Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V52RD2-33-I-TQI Datasheet(PDF) 50 Page - Silicon Storage Technology, Inc

No. de pieza SST89V52RD2-33-I-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V52RD2-33-I-TQI Datasheet(HTML) 50 Page - Silicon Storage Technology, Inc

Back Button SST89V52RD2-33-I-TQI Datasheet HTML 46Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89V52RD2-33-I-TQI Datasheet HTML 54Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
50
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
7.0 WATCHDOG TIMER
The device offers a programmable Watchdog Timer (WDT)
for fail safe protection against software deadlock and auto-
matic recovery.
To protect the system against software deadlock, the user
software must refresh the WDT within a user-defined time
period. If the software fails to do this periodical refresh, an
internal hardware reset will be initiated if enabled (WDRE=
1). The software can be designed such that the WDT times
out if the program does not work properly.
The WDT in the device uses the system clock (XTAL1) as
its time base. So strictly speaking, it is a watchdog counter
rather than a watchdog timer. The WDT register will incre-
ment every 344,064 crystal clocks. The upper 8-bits of the
time base register (WDTD) are used as the reload register
of the WDT.
The WDTS flag bit is set by WDT overflow and is not
changed by WDT reset. User software can clear WDTS by
writing “1” to it.
Figure 7-1 provides a block diagram of the WDT. Two SFRs
(WDTC and WDTD) control watchdog timer operation.
During idle mode, WDT operation is temporarily sus-
pended, and resumes upon an interrupt exit from idle.
The time-out period of the WDT is calculated as follows:
Period = (255 - WDTD) * 344064 * 1/fCLK (XTAL1)
where WDTD is the value loaded into the WDTD register
and fOSC is the oscillator frequency.
FIGURE
7-1: BLOCK DIAGRAM OF PROGRAMMABLE WATCHDOG TIMER
1255 F22.0
WDT Upper Byte
WDT Reset
Internal Reset
344064
clks
Counter
CLK (XTAL1)
Ext. RST
WDTC
WDTD


Número de pieza similar - SST89V52RD2-33-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V52RD2-33-I-TQI SST-SST89V52RD2-33-I-TQI Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQIE1 SST-SST89V52RD2-33-I-TQIE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89V52RD2-33-I-TQIF2 SST-SST89V52RD2-33-I-TQIF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89V52RD2-33-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com