Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E516RD2-40-I-TQI Datasheet(PDF) 78 Page - Silicon Storage Technology, Inc

No. de pieza SST89E516RD2-40-I-TQI
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-I-TQI Datasheet(HTML) 78 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-I-TQI Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 81Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQI Datasheet HTML 82Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
78
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
FIGURE
14-5: EXTERNAL DATA MEMORY WRITE CYCLE
FIGURE
14-6: EXTERNAL CLOCK DRIVE WAVEFORM
TABLE
14-9: EXTERNAL CLOCK DRIVE
Symbol
Parameter
Oscillator
Units
12MHz
40MHz
Variable
MinMax
MinMax
Min
Max
1/TCLCL
Oscillator Frequency
0
40
MHz
TCLCL
83
25
ns
TCHCX
High Time
8.75
0.35TCLCL
0.65TCLCL
ns
TCLCX
Low Time
8.75
0.35TCLCL
0.65TCLCL
ns
TCLCH
Rise Time
20
10
ns
TCHCL
Fall Time
20
10
ns
T14-9.0 1255
1255 F37.0
PORT 2
PORT 0
WR#
PSEN#
ALE
TLHLL
P2[7:0] or A8-A15 FROM DPH
A0-A7 FROM RI or DPL
DATA OUT
INSTR IN
TAVLL
TAVWL
TLLWL
TLLAX
TWLWH
TQVWH
TWHQX
TQVWX
TWHLH
A8-A15 FROM PCH
A0-A7 FROM PCL
0.2 VDD - 0.1
0.45 V
TCHCL
TCLCL
TCLCH
TCLCX
TCHCX
0.7VDD
VDD - 0.5
1255 F38.0


Número de pieza similar - SST89E516RD2-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2-40-I-TQJE SST-SST89E516RD2-40-I-TQJE Datasheet
831Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89E516RD2-40-I-TQI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com