Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HH15N100G500CT Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza HH15N100G500CT
Descripción Electrónicos  High Q and low ESR performance at high frequency
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

HH15N100G500CT Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button HH15N100G500CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION HH15N100G500CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 9 of 11
ASC_ HQ_Low ESR_(HH)_006V_AS
Dec. 2018
APPENDIXES
◙ Tape & reel dimensions
Size
0201
0402
0603
0805
Thickness
L
N
S, X
A
B
C, D, I
A0
0.40
+/-0.10
0.70
+/-0.20
1.05
+/-0.30
1.50
+/-0.20
1.50
+/-0.20
< 1.80
B0
0.70
+/-0.10
1.20
+/-0.20
1.80
+/-0.30
2.30
+/-0.20
2.30
+/-0.20
< 2.70
T
0.55
0.80
1.20
1.15
1.20
0.23
+/-0.1
K0
-
-
-
-
-
< 2.50
W
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
8.00
+/-0.30
P0
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
10xP0
40.00
+/-0.10
40.00
+/-0.10
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
40.00
+/-0.20
P1
2.00
+/-0.05
2.00
+/-0.05
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
4.00
+/-0.10
P2
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
2.00
+/-0.05
D0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
1.50
+0.1/-0
D1
-
-
-
-
-
1.00
+/-0.10
E
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
1.75
+/-0.10
F
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
3.50
+/-0.05
Fig. 16 The dimension of plastic tape
Fig. 15 The dimension of paper tape
Fig. 17 The dimension of reel
Size
0201, 0402, 0603, 0805
Reel size
7”
10”
13”
C
13.0+0.5/-0.2
13.0+0.5/-0.2
13.0+0.5/-0.2
W1
8.4+1.5/-0
8.4+1.5/-0
8.4+1.5/-0
A
178.0±1.0
250.0±1.0
330.0±1.0
N
60.0+1.0/-0
100.0±1.0
100±1.0


Número de pieza similar - HH15N100G500CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HH17-101 ETC2-HH17-101 Datasheet
228Kb / 3P
   Hollow Shaft, NEMA 17 High Torque Step Motor
HH17-103 ETC2-HH17-103 Datasheet
224Kb / 3P
   Hollow Shaft, NEMA 17 High Torque Step Motor
logo
Hammond Manufacturing L...
HH1TRR36U30BK HAMMOND-HH1TRR36U30BK Datasheet
335Kb / 3P
   Swing-Out Wall Mount and Floor Rack Cabinet
5/1/22
More results

Descripción similar - HH15N100G500CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
logo
WALSIN TECHNOLOGY CORPO...
RF15N100J500CT WALSIN-RF15N100J500CT Datasheet
3Mb / 16P
   High Q and low ESR performance at high frequency
RT15N101J250CT WALSIN-RT15N101J250CT Datasheet
3Mb / 11P
   High Q and low ESR performance at high frequency
RH21G100J251CT WALSIN-RH21G100J251CT Datasheet
3Mb / 12P
   High Q and low ESR performance at high frequency
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
MPW ILLINOISCAPACITOR-MPW Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
   High Capacitance and Ultra-Low ESR
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com