Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DD540N22K Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de Pieza. DD540N22K
Descripción  Diode Rectifier Module
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo 

DD540N22K Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
DD540N22K
Diode Rectifier Module
FEATURES
·
Reduced RFI and EMI
·
Reduced Snubbing
·
Extensive Characterization of Recovery Parameters
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
These devices are ideally suited for power converters,
motors drives and other applications where switching
losses are significant portion of the total losses.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
2200
V
IF(AV)
Average Forward Current
TC=100℃
540
A
IFSM
Surge Forward Current
tp =10ms,Tj =25℃
16500
A
I2t
I2t for fusing
tp =10ms,Tj =25℃
1360*103
A2S
Viso
Isolated Voltage
2500
V
TJ
Junction Temperature
-40~150
Tstg
Storage Temperature Range
-40~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.039
/W


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn