Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S342N100J252CT Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza S342N100J252CT
Descripción Electrónicos  High reliability and stability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

S342N100J252CT Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  S342N100J252CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION S342N100J252CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 4 of 11
ASC Safety Certified X2_(S3)_011Y_AS
May. 2019
8. CAPACITANCE RANGE
DIELECTRIC
NP0
SIZE
1808
1812
PEAK IMPULSE VOLTAGE
2500
Certificated
TUV
IEC60384-14
UL
60384
TUV
IEC60384-14
UL
60384
3.0pF (3R0)
F
F
3.3pF (3R3)
F
3.9pF (3R9)
F
4.0pF (4R0)
F
F
4.7pF (4R7)
F
5.0pF (5R0)
F
F
5.6pF (5R6)
F
6.0pF (6R0)
F
F
6.8pF (6R8)
F
7.0pF (7R0)
F
F
8.0pF (8R0)
F
F
8.2pF (8R2)
F
9.0pF (9R0)
F
F
10pF (100)
F
F
D
D
12pF (120)
F
F
D
D
15pF (150)
F
F
D
D
18pF (180)
F
F
D
22pF (220)
F
F
D
D
27pF (270)
F
F
D
D
33pF (330)
F
F
D
D
39pF (390)
G
G
D
D
47pF (470)
G
G
D
D
56pF (560)
G
G
D
D
68pF (680)
G
G
D
D
82pF (820)
G
G
D
D
100pF (101)
K
K
D
D
120pF (121)
K
K
D
D
130pF (131)
K
D
150pF (151)
K
K
D
D
160pF (161)
K
D
180pF (181)
K
K
D
D
220pF (221)
K
K
D
D
270pF (271)
K
K
D
D
300pF (301)
K
D
330pF (331)
K
K
D
D
390pF (391)
K
K
D
D
470pF (471)
K
K
D
D
560pF (561)
K
K
D
D
680pF (681)
K
K
K
K
720pF (721)
K
K
820pF (821)
K
K
K
K
1000pF (102)
K
K
K
K
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.


Número de pieza similar - S342N100J252CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UMPCO, Inc.
S342 UMPCO-S342 Datasheet
143Kb / 1P
   CLAMP, LOOPCUSHIONED
logo
Microsemi Corporation
S3420 MICROSEMI-S3420 Datasheet
119Kb / 2P
   Silicon Power Rectifier
More results

Descripción similar - S342N100J252CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
DIYI Electronic Technol...
MMSZ5221B DYELEC-MMSZ5221B Datasheet
954Kb / 2P
   H igh Stability and High Reliability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com