Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E52RD2-40-I-PJ Datasheet(PDF) 76 Page - Silicon Storage Technology, Inc

No. de pieza SST89E52RD2-40-I-PJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E52RD2-40-I-PJ Datasheet(HTML) 76 Page - Silicon Storage Technology, Inc

Back Button SST89E52RD2-40-I-PJ Datasheet HTML 72Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 73Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 74Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 75Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 76Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 77Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E52RD2-40-I-PJ Datasheet HTML 80Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
76
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
Explanation of Symbols Each timing symbol has 5 characters. The first character is always a ‘T’ (stands for
time). The other characters, depending on their positions, stand for the name of a signal or the logical status of that
signal. The following is a list of all the characters and what they stand for.
For example:
TAVLL = Time from Address Valid to ALE Low
TLLPL = Time from ALE Low to PSEN# Low
TWHQX
Data Hold After WR#
3TCLCL - 27 (3V)
ns
5TCLCL - 20 (5V)
ns
TQVWH
Data Valid to WR# High
142
7TCLCL - 70 (3V)
ns
125
7TCLCL - 50 (5V)
ns
TQVWX
Data Valid to WR# High to Low
Transition
10
5
TCLCL - 20
ns
TRLAZ
RD# Low to Address Float
0
0
0
ns
TWHLH
RD# to WR# High to ALE High
5
55
TCLCL - 25 (3V)
TCLCL + 25 (3V)
ns
10
40
TCLCL - 15 (5V)
TCLCL + 15 (5V)
ns
T14-8.0 1255
1. Calculated values are for x1 Mode only
A: Address
Q: Output data
C: Clock
R: RD# signal
D: Input data
T: Time
H: Logic level HIGH
V: Valid
I:
Instruction (program memory contents)
W: WR# signal
L: Logic level LOW or ALE
X: No longer a valid logic level
P: PSEN#
Z: High Impedance (Float)
TABLE
14-8: AC ELECTRICAL CHARACTERISTICS (CONTINUED) (2 OF 2)
Ta = -40°C TO +85°C, VDD = 2.7-3.6V@33MHZ, 4.5-5.5V@40MHZ, VSS = 0V
Symbol
Parameter
Oscillator
Units
33 MHz (x1 Mode)
16 MHz (x2 Mode)1
40 MHz (x1 Mode)
20 MHz (x2 Mode)1
Variable
Min
Max
Min
Max
Min
Max


Número de pieza similar - SST89E52RD2-40-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E52RD2-40-I-PJ SST-SST89E52RD2-40-I-PJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-PJE1 SST-SST89E52RD2-40-I-PJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-40-I-PJF2 SST-SST89E52RD2-40-I-PJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E52RD2-40-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com