Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E54RD2-40-I-PJ Datasheet(PDF) 82 Page - Silicon Storage Technology, Inc

No. de pieza SST89E54RD2-40-I-PJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E54RD2-40-I-PJ Datasheet(HTML) 82 Page - Silicon Storage Technology, Inc

Back Button SST89E54RD2-40-I-PJ Datasheet HTML 78Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 79Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 80Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 81Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 82Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 83Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 84Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 85Page - Silicon Storage Technology, Inc SST89E54RD2-40-I-PJ Datasheet HTML 86Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
82
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
14.3 Flash Memory Programming Timing Diagrams with External Host Mode
FIGURE 14-14: READ-ID
Reads chip signature and identification registers at the addressed location.
FIGURE 14-15: SELECT-BLOCK1 / SELECT-BLOCK0 (FOR SST89E516RD2/SST89V516RD2 ONLY)
Enables the selection of either of the flash memory blocks prior to issuing a Byte-Verify, Block-Erase, Sector-
Erase, or Byte-Program.
1255 F46.0
0030H
TSU
TES
RST
PSEN#
ALE/PROG#
EA#
P3[5:4] ,P2[5:0] ,P1
P2[7:6] ,P3[7:6]
P0
0000b
TRD
BFH
0031H
0000b
TRD
Device ID
Device ID = See Table 4-3, "Product Identification"
RST
PSEN#
ALE/PROG#
EA#
P3[3]
P3[5:4], P2[5:0]
A5H/55H
TPSB
TPROG
TADS
1255 F47.0
P3[7:6], P2[7:6]
1001b
TDH
TSU
TES


Número de pieza similar - SST89E54RD2-40-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E54RD2-40-I-PJ SST-SST89E54RD2-40-I-PJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E54RD2-40-I-PJE1 SST-SST89E54RD2-40-I-PJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E54RD2-40-I-PJF2 SST-SST89E54RD2-40-I-PJF2 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E54RD2-40-I-PJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com