Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AM-1435 Datasheet(PDF) 1 Page - DATEL, Inc.

No. de Pieza. AM-1435
Descripción  Ultra-Fast, Wideband Operational Amplifi ers
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DATEL [DATEL, Inc.]
Página de inicio  http://www.datel.com/
Logo 

AM-1435 Datasheet(HTML) 1 Page - DATEL, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Figure 1. Functional Block Diagram
+
@14mA
56
OFFSET
ADJUST
34
COMPENSATION
CAPACITOR
+15V
SUPPLY
1 OPTIONAL
BYPASS CAPACITOR
2 OUTPUT
13 OUTPUT
CURRENT SINK
14 COMMON
12
–15V SUPPLY
–INPUT 7
+INPUT 8
FEATURES
70 nanosecond settling to ±0.01%
1GHz gain bandwidth product
100dB open loop gain
80dB minimum CMRR
–55 to +125°C operation
Industry standard
DATEL ’s AM-1435 is an ultrafast settling,
wideband operational amplifier. Utilizing preci-
sion thin-film hybrid construction and differential
input operational amplifier design techniques,
the AM-1435 achieves a settling time of only 70
nanoseconds for a 10V step to ±0.01% accuracy.
High-speed performance is optimized with high
open-loop gain, flat frequency response beyond
10kHz, and a roll-off of 6dB/octave to beyond
100MHz. Typically, gain bandwidth product is 1GHz,
and slew rate is ±300V/microsecond.
AM-1435’s dc characteristics include a dc
open loop gain of 100dB, 1MΩ input impedance,
and an initial input offset voltage of only ±2mV.
Input offset voltage drift is typically ±5μV/°C. Also
featured is a minimum common mode rejection
ratio of 80dB and full power frequency of 8MHz.
The AM-1435 is designed specifically for appli-
cations requiring high accuracy in the amplification
of complex wideband waveforms. Such applica-
tions include radar and sonar signal processing,
video instrumentation, ultrafast A/D and D/A
converters and sample-hold amplifiers.
Power supply requirements are ±15V at 30mA
maximum quiescent current. Models are specified
for operation over the commercial (0 to +70°C),
–40 to +100°C and military (–55 to +125°C)
temperature ranges. A high-reliability version
manufactured and screened to DATEL ’s QL screen-
ing program is also available. The package is a
14-pin ceramic DIP.
PRODUCT OVERVIEW
FUNCTIONAL BLOCK DIAGRAM
PIN FUNCTION
1
OPTIONAL BYPASS CAPACITOR
2
OUTPUT
3
COMPENSATION CAPACITOR
4
+15V SUPPLY (+VS)
5
OFFSET ADJUST
6
OFFSET ADJUST
7
–INPUT
8
+INPUT
9
N.C.
10
N.C.
11
N.C.
12
–15V SUPPLY (–VS)
13
OUTPUT CURRENT SINK
14
COMMON
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
AM-1435
Ultra-Fast, Wideband Operational Amplifiers
MDA_AM-1435.C02 Page 1 of 4


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn