Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM-1435 Datasheet(PDF) 3 Page - DATEL, Inc.

No. de pieza AM-1435
Descripción Electrónicos  Ultra-Fast, Wideband Operational Amplifi ers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DATEL [DATEL, Inc.]
Página de inicio  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AM-1435 Datasheet(HTML) 3 Page - DATEL, Inc.

  AM-1435 Datasheet HTML 1Page - DATEL, Inc. AM-1435 Datasheet HTML 2Page - DATEL, Inc. AM-1435 Datasheet HTML 3Page - DATEL, Inc. AM-1435 Datasheet HTML 4Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(R1) x (R4)
R1 + R4
R2 =
TYPICAL CONNECTION AND COMPENSATION
The typical connection diagram (above) shows the AM-1435 in a unity-
gain inverting configuration. When used in any conventional operational-
amplifier configuration, the AM-1435 (as a non-inverting amplifier) requires
a noise gain of at least two (noise gain = 1 + R4/R1).
The 2pF compensation capacitor, C1, at pin 3 is required for stable
operation when the noise gain is less than 10. Compensation for bias
current is provided by R2 and its value is determined by the formula:
The offset adjust potentiometer R3 and the compensation capacitor C4
are optional. Note, however, that C4 should be implemented when driving
capacitive loads to prevent oscillation of the output stage.
Operation of the AM-1435 at low impedances requires careful attention to
include the feedback resistor as a part of the total output load.
Figure 2. Typical Connection Diagram
OFFSET
ADJUST
(OPT.)
+15V
–15V
+
1
2
13
14
12
7
3
8
500
W
1k
W
+
+
+
1µF
R1
C1
C2
1µF
C3
1µF
C4 (OPT.)
INPUT
R2
2pF
R3
R4
OUTPUT
AM-1435
6
5
4
1k
W
1k
W
Figure 3. Gain and Phase vs. Frequency
(Uncompensated)
-20
0
20
40
60
80
100
120
100 200 500 1k
10k
100k
1M
10M
100M
180°
140°
100°
60°
40°
FREQUENCY (Hz)
PHASE ANGLE
GAIN
Figure 4. Gain and Phase vs. Frequency
(Compensated 2pF)
-20
0
20
40
60
80
100
120
100 200 500 1k
10k
100k
1M
10M
100M
20°
60°
100°
140°
180°
FREQUENCY (Hz)
PHASE ANGLE
GAIN
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
AM-1435
Ultra-Fast, Wideband Operational Amplifiers
MDA_AM-1435.C02 Page 3 of 4


Número de pieza similar - AM-1435

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
AM-1435MC DATEL-AM-1435MC Datasheet
94Kb / 1P
   Legacy Amplifiers
AM-1435MM DATEL-AM-1435MM Datasheet
96Kb / 1P
   Legacy Amplifiers
AM-1435MM-QL DATEL-AM-1435MM-QL Datasheet
96Kb / 1P
   Legacy Amplifiers
More results

Descripción similar - AM-1435

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
   Optical Amplifi ers
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2050 LINER-LTC2050_1 Datasheet
175Kb / 16P
   Zero-Drift Operational Amplifi ers in SOT-23
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Hamamatsu Corporation
C5185 HAMAMATSU-C5185_15 Datasheet
174Kb / 5P
   Amplifi ers for infrared detector
C4159-01 HAMAMATSU-C4159-01_15 Datasheet
174Kb / 5P
   Amplifi ers for infrared detector
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com