Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AS9600 Datasheet(PDF) 1 Page - UMPCO, Inc.

No. de Pieza. AS9600
Descripción  BRACKET,, ANGLE 90°, CORROSION AND HEAT RESISTANT STEEL UNS S41000, .190 BOLT
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMPCO [UMPCO, Inc.]
Página de inicio  http://www.umpco.com/index.php
Logo 

AS9600 Datasheet(HTML) 1 Page - UMPCO, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/05/09
AS9600
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRESIDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
BRACKET,, ANGLE 90°, CORROSION AND HEAT RESISTANT
STEEL UNS S41000, .190 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
DIRECTION OF GRAIN
SEE NOTE 4
R .500
Ø .210/.200
B
.205
.195
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION
IAW AS478 CLASS B
.500
A
R .125
MS9600-XXX
.255
.245
.068
.058
90°
.205
.195
R .500
Ø .210/.200
NOTES:
1.
MATERIAL: CORROSION AND HEAT RESISTANT STEEL PER AMS 5504 (UNS S41000).
2.
HARDNESS: 30-38 HRC.
3.
FINISH: HEAT TREATMENT AND CLEANING IN ACCORDANCE WITH AMS 2550.
4.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION.
5.
BREAK SHARP EDGES .003 -.015, UNLESS OTHERWISE SPECIFIED.
6.
DIMENSIONS ARE IN INCHES
7.
TOLERANCES UNLESS OTHERWISE SPECIFIED, TOLERANCES SHALL BE FOR LINEAR DIMENSIONS ±.010, ANGULAR ±5°.
8.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5M-1982 (ASME PUBLICATION)
9.
PART NUMBER: THE PART NUMBER SHALL CONSIST OF THE BASIC “MS” PART NUMBER FOLLOWED BY A DASH NUMBER FROM
TABLE 1.
EXAMPLE: MS9600 – 005
MS9600-005 INDICATES – BRACKET, ANGLE 90°, CRES, .190 BOLT, .438 X .438 LONG.
10.
DO NOT USE UNASSIGNED PART NUMBERS
DASH NUMBER
BASIC “MS” NUMBER


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn