Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AS9603 Datasheet(PDF) 1 Page - UMPCO, Inc.

No. de Pieza. AS9603
Descripción  BRACKET,, ANGLE 90°, CRES UNS S41000, .190 X .375 BOLT
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMPCO [UMPCO, Inc.]
Página de inicio  http://www.umpco.com/index.php
Logo 

AS9603 Datasheet(HTML) 1 Page - UMPCO, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/05/09
AS9603
BRACKET,, ANGLE 90°, CRES
UNS S41000, .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
DIRECTION OF GRAIN
(SEE NOTE 4)
R .510/.490
Ø .210/.200
B
.205
.195
MARK PART
NUMBER AND
MANUFACTURER’S
IDENTIFICATION
PER AS478 CLASS D
.760
.740
A
R .135/.115
MS9603-XXX
.380
.370
.068
.058
95°
85°
.295
.285
R
.510/.490
Ø .395/.385
NOTES:
1.
MATERIAL: CORROSION RESISTANT STEEL PER AMS 5504 (UNS S41000).
2.
HARDNESS: 30-38 HRC.
3.
FINISH: HEAT TREATMENT AND CLEANING IN ACCORDANCE WITH AMS 2550.
4.
GRAIN FLOW SHALL BE PARALLEL WITH ROLLING DIRECTION.
5.
REMOVE BURRS AND BREAK SHARP EDGES .003 -.015, UNLESS OTHERWISE SPECIFIED.
6.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5M-1982 (ASME PUBLICATION)
7.
DIMENSIONS ARE IN INCHES
8.
DO NOT USE UNASSIGNED PART NUMBERS.
9.
APPROXIMATE MASS LB/100 = 1.316 (A+B) + .221
B
.552 - .572
.615 - .635
.678 - .698
.740 - .760
.802 - .822
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9603-005
MS9603-035
MS9603-065
MS9603-095
MS9603-125
0.490 - 0.510
MS9603-006
MS9603-036
MS9603-066
MS9603-096
MS9603-126
0.552 - 0.572
MS9603-007
MS9603-037
MS9603-067
MS9603-097
MS9603-127
0.615 - 0.635
MS9603-008
MS9603-038
MS9603-068
MS9603-098
MS9603-128
0.678 - 0.698
MS9603-009
MS9603-039
MS9603-069
MS9603-099
MS9603-129
0.740 - 0.760
MS9603-010
MS9603-040
MS9603-070
MS9603-100
MS9603-130
0.802 - 0.822
MS9603-011
MS9603-041
MS9603-071
MS9603-101
MS9603-131
0.865 - 0.885
MS9603-012
MS9603-042
MS9603-072
MS9603-102
MS9603-132
0.928 - 0.948
MS9603-013
MS9603-043
MS9603-073
MS9603-103
MS9603-133
0.990 - 1.010
MS9603-014
MS9603-044
MS9603-074
MS9603-104
MS9603-134
1.052 - 1.072
MS9603-015
MS9603-045
MS9603-075
MS9603-105
MS9603-135
1.115 - 1.135
MS9603-016
MS9603-046
MS9603-076
MS9603-106
MS9603-136
1.178 - 1.198
MS9603-017
MS9603-047
MS9603-077
MS9603-107
MS9603-137
1.240 - 1.260
MS9603-018
MS9603-048
MS9603-078
MS9603-108
MS9603-138
1.302 - 1.322
MS9603-019
MS9603-049
MS9603-079
MS9603-109
MS9603-139
1.365 - 1.385
MS9603-020
MS9603-050
MS9603-080
MS9603-110
MS9603-140
1.428 - 1.448
MS9603-021
MS9603-051
MS9603-081
MS9603-111
MS9603-141
1.490 - 1.510
MS9603-022
MS9603-052
MS9603-082
MS9603-112
MS9603-142
TABLE 1 -PART NUMBERS AND DIMENSIONS
A - LENGTH


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn