Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AS9603 Datasheet(PDF) 2 Page - UMPCO, Inc.

No. de Pieza. AS9603
Descripción  BRACKET,, ANGLE 90°, CRES UNS S41000, .190 X .375 BOLT
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UMPCO [UMPCO, Inc.]
Página de inicio  http://www.umpco.com/index.php
Logo 

AS9603 Datasheet(HTML) 2 Page - UMPCO, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS CATALOG PAGE IS FOR REFERENCE ONLY. REQUEST A
CERTIFIED UMPCO DRAWING FOR ACTUAL SPECIFICATIONS.
ANY CONFLICT BETWEEN THIS DOCUMENT AND THE CERTIFIED
DRAWING, THE CERTIFIED DRAWING WILL TAKE PRECEDENCE.
IF THE DOCUMENT IS CONTROLLED BY ANY OTHER SOURCE
THAN UMPCO, THE CERTIFIED DRAWING MUST BE PURCHASED
THROUGH THAT ORGANIZATION.
UMPCO, INC
CAGE CODE No. 18076
REV
N/C
02/05/09
AS9603
BRACKET,, ANGLE 90°, CRES
UNS S41000, .190 X .375 BOLT
PART NUMBER
7100 LAMPSON AVE * PO BOX 5158 * GARDEN GROVE, CA 92846-5158 SALES: (714) 897-3531 * BUS: (714) 897-3536 * FAX: (714) 897-2611
B
.865 - .885
.928 - .948
.990- 1.010
1.052 - 1.072
1.115 - 1.135
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9603-155
MS9603-185
MS9603-215
MS9603-245
MS9603-275
0.490 - 0.510
MS9603-156
MS9603-186
MS9603-216
MS9603-246
MS9603-276
0.552 - 0.572
MS9603-157
MS9603-187
MS9603-217
MS9603-247
MS9603-277
0.615 - 0.635
MS9603-158
MS9603-188
MS9603-218
MS9603-248
MS9603-278
0.678 - 0.698
MS9603-159
MS9603-189
MS9603-219
MS9603-249
MS9603-279
0.740 - 0.760
MS9603-160
MS9603-190
MS9603-220
MS9603-250
MS9603-280
0.802 - 0.822
MS9603-161
MS9603-191
MS9603-221
MS9603-251
MS9603-281
0.865 - 0.885
MS9603-162
MS9603-192
MS9603-222
MS9603-252
MS9603-282
0.928 - 0.948
MS9603-163
MS9603-193
MS9603-223
MS9603-253
MS9603-283
0.990 - 1.010
MS9603-164
MS9603-194
MS9603-224
MS9603-254
MS9603-284
1.052 - 1.072
MS9603-165
MS9603-195
MS9603-225
MS9603-255
MS9603-285
1.115 - 1.135
MS9603-166
MS9603-196
MS9603-226
MS9603-256
MS9603-286
1.178 - 1.198
MS9603-167
MS9603-197
MS9603-227
MS9603-257
MS9603-287
1.240 - 1.260
MS9603-168
MS9603-198
MS9603-228
MS9603-258
MS9603-288
1.302 - 1.322
MS9603-169
MS9603-199
MS9603-229
MS9603-259
MS9603-289
1.365 - 1.385
MS9603-170
MS9603-200
MS9603-230
MS9603-260
MS9603-290
1.428 - 1.448
MS9603-171
MS9603-201
MS9603-231
MS9603-261
MS9603-291
1.490 - 1.510
MS9603-172
MS9603-202
MS9603-232
MS9603-262
MS9603-292
B
1.178 - 1.198
1.240 - 1.260
1.302 - 1.322
1.365 - 1.385
1.428 - 1.448
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9603-305
MS9603-335
MS9603-365
MS9603-395
MS9603-425
0.490 - 0.510
MS9603-306
MS9603-336
MS9603-366
MS9603-396
MS9603-426
0.552 - 0.572
MS9603-307
MS9603-337
MS9603-367
MS9603-397
MS9603-427
0.615 - 0.635
MS9603-308
MS9603-338
MS9603-368
MS9603-398
MS9603-428
0.678 - 0.698
MS9603-309
MS9603-339
MS9603-369
MS9603-399
MS9603-429
0.740 - 0.760
MS9603-310
MS9603-340
MS9603-370
MS9603-400
MS9603-430
0.802 - 0.822
MS9603-311
MS9603-341
MS9603-371
MS9603-401
MS9603-431
0.865 - 0.885
MS9603-312
MS9603-342
MS9603-372
MS9603-402
MS9603-432
0.928 - 0.948
MS9603-313
MS9603-343
MS9603-373
MS9603-403
MS9603-433
0.990 - 1.010
MS9603-314
MS9603-344
MS9603-374
MS9603-404
MS9603-434
1.052 - 1.072
MS9603-315
MS9603-345
MS9603-375
MS9603-405
MS9603-435
1.115 - 1.135
MS9603-316
MS9603-346
MS9603-376
MS9603-406
MS9603-436
1.178 - 1.198
MS9603-317
MS9603-347
MS9603-377
MS9603-407
MS9603-437
1.240 - 1.260
MS9603-318
MS9603-348
MS9603-378
MS9603-408
MS9603-438
1.302 - 1.322
MS9603-319
MS9603-349
MS9603-379
MS9603-409
MS9603-439
1.365 - 1.385
MS9603-320
MS9603-350
MS9603-380
MS9603-410
MS9603-440
1.428 - 1.448
MS9603-321
MS9603-351
MS9603-381
MS9603-411
MS9603-441
1.490 - 1.510
MS9603-322
MS9603-352
MS9603-382
MS9603-412
MS9603-442
B
1.490 - 1.510
1.615 - 1.635
1.740 - 1.760
1.865 - 1.885
1.990 - 2.010
LENGTH
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
PART NUMBER
0.428 - 0.448
MS9603-455
MS9603-515
MS9603-575
MS9603-635
MS9603-695
0.490 - 0.510
MS9603-456
MS9603-516
MS9603-576
MS9603-636
MS9603-696
0.552 - 0.572
MS9603-457
MS9603-517
MS9603-577
MS9603-637
MS9603-697
0.615 - 0.635
MS9603-458
MS9603-518
MS9603-578
MS9603-638
MS9603-698
0.678 - 0.698
MS9603-459
MS9603-519
MS9603-579
MS9603-639
MS9603-699
0.740 - 0.760
MS9603-460
MS9603-520
MS9603-580
MS9603-640
MS9603-700
0.802 - 0.822
MS9603-461
MS9603-521
MS9603-581
MS9603-641
MS9603-701
0.865 - 0.885
MS9603-462
MS9603-522
MS9603-582
MS9603-642
MS9603-702
0.928 - 0.948
MS9603-463
MS9603-523
MS9603-583
MS9603-643
MS9603-703
0.990 - 1.010
MS9603-464
MS9603-524
MS9603-584
MS9603-644
MS9603-704
1.052 - 1.072
MS9603-465
MS9603-525
MS9603-585
MS9603-645
MS9603-705
1.115 - 1.135
MS9603-466
MS9603-526
MS9603-586
MS9603-646
MS9603-706
1.178 - 1.198
MS9603-467
MS9603-527
MS9603-587
MS9603-647
MS9603-707
1.240 - 1.260
MS9603-468
MS9603-528
MS9603-588
MS9603-648
MS9603-708
1.302 - 1.322
MS9603-469
MS9603-529
MS9603-589
MS9603-649
MS9603-709
1.365 - 1.385
MS9603-470
MS9603-530
MS9603-590
MS9603-650
MS9603-710
1.428 - 1.448
MS9603-471
MS9603-531
MS9603-591
MS9603-651
MS9603-711
1.490 - 1.510
MS9603-472
MS9603-532
MS9603-592
MS9603-652
MS9603-712
A - LENGTH
TABLE 1 -PART NUMBERS AND DIMENSIONS CONTINUED
A - LENGTH
A - LENGTH


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn