Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-NJ Datasheet(PDF) 20 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-NJ Datasheet(HTML) 20 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-NJ Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 18Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 19Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 20Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 21Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 22Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 23Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 24Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
20
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
TABLE
3-11: INTERFACE SFRS
Symbol Description
Direct
Address
Bit Address, Symbol, or Alternative Port Function
RESET
Value
MSB
LSB
SBUF
Serial Data Buffer
99H
SBUF[7:0]
Indeterminate
SCON1
Serial Port Control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SADDR Slave Address
A9H
SADDR[7:0]
00H
SADEN Slave Address
Mask
B9H
SADEN[7:0]
00H
SPCR
SPI Control
Register
D5H
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04H
SPSR
SPI Status
Register
AAH
SPIF
WCOL
00H
SPDR
SPI Data Register
86H
SPDR[7:0]
00H
P01
Port 0
80H
P0[7:0]
FFH
P11
Port 1
90H
-
-
-
-
-
-
T2EX
T2
FFH
P21
Port 2
A0H
P2[7:0]
FFH
P31
Port 3
B0H
RD#
WR#
T1
T0
INT1#
INT0#
TXD
RXD
FFH
P42
Port 4
A5H
1
1
1
1
P4.3
P4.2
P4.1
P4.0
FFH
T3-11.0 1255
1. Bit Addressable SFRs
2. P4 is similar to P1 and P3 ports


Número de pieza similar - SST89E58RD2-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-NJ SST-SST89E58RD2-40-C-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJ SST-SST89E58RD2-40-C-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJE SST-SST89E58RD2-40-C-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E58RD2-40-C-NJE SST-SST89E58RD2-40-C-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJE1 SST-SST89E58RD2-40-C-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com