Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E58RD2-40-C-NJ Datasheet(PDF) 51 Page - Silicon Storage Technology, Inc

No. de pieza SST89E58RD2-40-C-NJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E58RD2-40-C-NJ Datasheet(HTML) 51 Page - Silicon Storage Technology, Inc

Back Button SST89E58RD2-40-C-NJ Datasheet HTML 47Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 48Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 49Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 50Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 51Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 52Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 53Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 54Page - Silicon Storage Technology, Inc SST89E58RD2-40-C-NJ Datasheet HTML 55Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
51
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
8.0 PROGRAMMABLE COUNTER ARRAY
The Programmable Counter Array (PCA) present on the
SST89E/V5xRD2 is a special 16-bit timer that has five 16-
bit capture/compare modules. Each of the modules can be
programmed to operate in one of four modes: rising and/or
falling edge capture, software timer, high-speed output, or
pulse width modulator. The 5th module can be pro-
grammed as a Watchdog Timer in addition to the other four
modes. Each module has a pin associated with it in port 1.
Module 0 is connected to P1.3 (CEX0), module 1 to P1[4]
(CEX1), module 2 to P1[5] (CEX2), module 3 to P1[6]
(CEX3), and module 4 to P1[7] (CEX4). PCA configuration
is shown in Figure 8-1.
8.1 PCA Overview
PCA provides more timing capabilities with less CPU inter-
vention than the standard timer/counter. Its advantages
include reduced software overhead and improved accuracy.
The PCA consists of a dedicated timer/counter which
serves as the time base for an array of five compare/cap-
ture modules. Figure 8-1 shows a block diagram of the
PCA. External events associated with modules are shared
with corresponding Port 1 pins. Modules not using the port
pins can still be used for standard I/O.
Each of the five modules can be programmed in any of the
following modes:
Rising and/or falling edge capture
Software timer
High speed output
Watchdog Timer (Module 4 only)
Pulse Width Modulator (PWM)
8.2 PCA Timer/Counter
The PCA timer is a free-running 16-bit timer consisting of
registers CH and CL (the high and low bytes of the count
values). The PCA timer is common time base for all five
modules and can be programmed to run at: 1/6 the oscilla-
tor frequency, 1/2 the oscillator frequency, Timer 0 overflow,
or the input on the ECI pin (P1.2). The timer/counter source
is determined from the CPS1 and CPS0 bits in the CMOD
SFR as follows (see “PCA Timer/Counter Mode Register
(CMOD)” on page 28):
FIGURE
8-1: PCA TIMER/COUNTER AND COMPARE/CAPTURE MODULES
TABLE
8-1: PCA TIMER/COUNTER SOURCE
CPS1
CPS0
12 Clock Mode
6 Clock Mode
00
fOSC /12
fOSC /6
01
fOSC /4
fOSC /2
1
0
Timer 0 overflow
Timer 0 overflow
1
1
External clock at ECI pin
(maximum rate = fOSC /8)
External clock at ECI pin
(maximum rate = fOSC /4)
T8-1.0 1255
Module 0
Module 1
Module 2
Module 3
Module 4
PCA Timer/Counter
1255 F23.0
P1.7/CEX4
P1.6/CEX3
P1.5/CEX2
P1.4/CEX1
P1.3/CEX0
16 Bits
16 Bits Each


Número de pieza similar - SST89E58RD2-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E58RD2-40-C-NJ SST-SST89E58RD2-40-C-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJ SST-SST89E58RD2-40-C-NJ Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJE SST-SST89E58RD2-40-C-NJE Datasheet
934Kb / 81P
   FlashFlex MCU
SST89E58RD2-40-C-NJE SST-SST89E58RD2-40-C-NJE Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E58RD2-40-C-NJE1 SST-SST89E58RD2-40-C-NJE1 Datasheet
937Kb / 81P
   FlashFlex51 MCU
More results

Descripción similar - SST89E58RD2-40-C-NJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com