Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST25E64 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza ST25E64
Descripción Electrónicos  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25E64 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST25E64 Datasheet HTML 5Page - STMicroelectronics ST25E64 Datasheet HTML 6Page - STMicroelectronics ST25E64 Datasheet HTML 7Page - STMicroelectronics ST25E64 Datasheet HTML 8Page - STMicroelectronics ST25E64 Datasheet HTML 9Page - STMicroelectronics ST25E64 Datasheet HTML 10Page - STMicroelectronics ST25E64 Datasheet HTML 11Page - STMicroelectronics ST25E64 Datasheet HTML 12Page - STMicroelectronics ST25E64 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
gram cycle. This STOP condition will trigger an
internal memory program cycle only if the STOP
condition is internally decoded right after the ACK
bit; any STOP condition decoded out of this ”10th
bit” time slot will not trigger the internal program-
ming cycle. All inputs are disabled until the comple-
tion of this cycle and the ST24/25E64 will not
respond to any request.
Minimizing System Delay by Polling On ACK.
During the internal Write cycle, the ST24/25E64
disable itself from the bus in order to copy the data
from the internal latches to the memory cells. The
maximum value of the Write time (tW) is given in the
AC Characteristics table, this timing value may be
reduced by an ACK polling sequence issued by the
master.
The sequence is:
– Initial condition: a Write is in progress (see Fig-
ure 7).
– Step 1: the Master issues a START condition
followed by a Device Select byte. (1st byte of
the new instruction)
– Step 2: if the ST24/25E64 are internally writ-
ing, no ACK will be returned. The Master goes
back to Step1. If the ST24/25E64 have termi-
nated the internal writing, it will issue an ACK.
The ST24/25E64 are ready to receive the sec-
ond part of the instruction (the first byte of this
instruction was already sent during Step1).
WRITE Cycle
in Progress
AI01099B
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by ST24xxx
Figure 7. Write Cycle Polling using ACK
9/16
ST24E64, ST25E64


Número de pieza similar - ST25E64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST25E16 STMICROELECTRONICS-ST25E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST25E32 STMICROELECTRONICS-ST25E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B1TR STMICROELECTRONICS-ST25E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B3TR STMICROELECTRONICS-ST25E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B6TR STMICROELECTRONICS-ST25E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Descripción similar - ST25E64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com