Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD22NM20N Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STD22NM20N
Descripción Electrónicos  N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD22NM20N Datasheet(HTML) 3 Page - STMicroelectronics

  STD22NM20N Datasheet HTML 1Page - STMicroelectronics STD22NM20N Datasheet HTML 2Page - STMicroelectronics STD22NM20N Datasheet HTML 3Page - STMicroelectronics STD22NM20N Datasheet HTML 4Page - STMicroelectronics STD22NM20N Datasheet HTML 5Page - STMicroelectronics STD22NM20N Datasheet HTML 6Page - STMicroelectronics STD22NM20N Datasheet HTML 7Page - STMicroelectronics STD22NM20N Datasheet HTML 8Page - STMicroelectronics STD22NM20N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD22NM20N
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
Table 7: Dynamic
(**) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
Table 8: Source Drain Diode
(1) Pulse width limited by safe operating area.
(2) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1mA, VGS = 0
200
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.5
4.2
5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 11 A
0.088
0.105
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (2)
Forward Transconductance
VDS = 15 V, ID=11 A
8
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
800
330
130
pF
pF
pF
Coss eq. (**)
Equivalent Output
Capacitiance
VGS = 0 V, VDS = 0 V to 400 V
225
pF
RG
Gate Input Resistance
f= 1MHz Gate DC Bias = 0
Test Sgnal Level = 20 mV
Open Drain
5
td(on)
tr
tr(Voff)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 100 V, ID = 11 A
RG =4.7Ω VGS = 10 V
(see Figure 15)
40
15
40
11
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 100 V, ID = 20 A,
VGS = 10 V
(see Figure 19)
32
6
25
50
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (1)
Source-drain Current
Source-drain Current (pulsed)
22
88
A
A
VSD (2)
Forward On Voltage
ISD = 20 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 20 A, di/dt = 100 A/µs
VDD = 100V, Tj = 25°C
(see test circuit, Figure 17)
160
960
128
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 20 A, di/dt = 100 A/µs
VDD = 100V, Tj = 150°C
(see test circuit, Figure 17)
225
1642
15
ns
µC
A


Número de pieza similar - STD22NM20N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20N STMICROELECTRONICS-STD22NM20N_05 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
More results

Descripción similar - STD22NM20N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N_05 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STD20N20 STMICROELECTRONICS-STD20N20 Datasheet
405Kb / 13P
   N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
319Kb / 11P
   N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STP30NM30N STMICROELECTRONICS-STP30NM30N Datasheet
290Kb / 12P
   N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
   N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com