Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89E516RD2-40-I-TQJ Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

No. de pieza SST89E516RD2-40-I-TQJ
Descripción Electrónicos  FlashFlex51 MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E516RD2-40-I-TQJ Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST89E516RD2-40-I-TQJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 14Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 15Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 16Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 17Page - Silicon Storage Technology, Inc SST89E516RD2-40-I-TQJ Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
14
Preliminary Specifications
FlashFlex51 MCU
SST89E52RD2 / SST89E54RD2 / SST89E58RD2 / SST89E516RD2
SST89V52RD2 / SST89V54RD2 / SST89V58RD2 / SST89V516RD2
©2004 Silicon Storage Technology, Inc.
S71255-00-000
3/04
3.2.1 Reset Configuration of Program Memory
Block Switching
Program memory block switching is initialized after reset
according to the state of the Start-up Configuration bit SC0
and/or SC1. The SC0 and SC1 bits are programmed via
an external host mode command or an IAP Mode com-
mand. See Table 4-1, Table 4-6, and Table 4-7.
Once out of reset, the SFCF[0] bit can be changed dynam-
ically by the program for desired effects. Changing SFCF[0]
will not change the SC0 bit.
Caution must be taken when dynamically changing the
SFCF[0] bit. Since this will cause different physical memory
to be mapped to the logical program address space. The
user must avoid executing block switching instructions
within the address range 0000H to 1FFFH.
3.3 Data RAM Memory
The data RAM has 1024 bytes of internal memory. The
RAM can be addressed up to 64KB for external data
memory.
3.4 Expanded Data RAM Addressing
The SST89E/V554A both have the capability of 1K of
RAM. See Figure 3-5.
The device has four sections of internal data memory:
1. The lower 128 Bytes of RAM (00H to 7FH) are
directly and indirectly addressable.
2. The higher 128 Bytes of RAM (80H to FFH) are
indirectly addressable.
3. The special function registers (80H to FFH) are
directly addressable only.
4. The expanded RAM of 768 Bytes (00H to 2FFH) is
indirectly addressable by the move external
instruction (MOVX) and clearing the EXTRAM bit.
(See “Auxiliary Register (AUXR)” in Section 3.6,
“Special Function Registers”)
Since the upper 128 bytes occupy the same addresses as
the SFRs, the RAM must be accessed indirectly. The RAM
and SFRs space are physically separate even though they
have the same addresses.
When instructions access addresses in the upper 128
bytes (above 7FH), the MCU determines whether to
access the SFRs or RAM by the type of instruction given. If
it is indirect, then RAM is accessed. If it is direct, then an
SFR is accessed. See the examples below.
Indirect Access:
MOV
@R0, #data
; R0 contains 90H
Register R0 points to 90H which is located in the upper
address range. Data in “#data” is written to RAM location
90H rather than port 1.
Direct Access:
MOV
90H, #data
; write data to P1
Data in “#data” is written to port 1. Instructions that write
directly to the address write to the SFRs.
To access the expanded RAM, the EXTRAM bit must be
cleared and MOVX instructions must be used. The extra
768 bytes of memory is physically located on the chip and
logically occupies the first 768 bytes of external memory
(addresses 000H to 2FFH).
When EXTRAM = 0, the expanded RAM is indirectly
addressed using the MOVX instruction in combination
with any of the registers R0, R1 of the selected bank or
DPTR. Accessing the expanded RAM does not affect
ports P0, P3.6 (WR#), P3.7 (RD#), or P2. With
EXTRAM = 0, the expanded RAM can be accessed as
in the following example.
TABLE
3-3: SFCF VALUES UNDER DIFFERENT
RESET CONDITIONS (SST89E/V5XRD2)
SC11
1. P = Programmed (Bit logic state = 0),
U = Unprogrammed (Bit logic state = 1)
SC01
State of SFCF[1:0] after:
Power-on
or
External
Reset
WDT Reset
or
Brown-out
Reset
Software
Reset
U (1)
U (1)
00
(default)
x0
10
U (1)
P (0)
01
x1
11
P (0)
U (1)
10
10
10
P (0)
P (0)
11
11
11
T3-3.0 1255
TABLE
3-4: SFCF VALUES UNDER DIFFERENT
RESET CONDITIONS (SST89E/V516RD2)
SC01
1. P = Programmed (Bit logic state = 0),
U = Unprogrammed (Bit logic state = 1)
State of SFCF[1:0] after:
Power-on
or
External
Reset
WDT Reset
or
Brown-out
Reset
Software
Reset
U (1)
00
(default)
x0
10
P (0)
01
x1
11
T3-4.0 1255


Número de pieza similar - SST89E516RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E516RD2-40-I-TQJE SST-SST89E516RD2-40-I-TQJE Datasheet
831Kb / 81P
   FlashFlex MCU
More results

Descripción similar - SST89E516RD2-40-I-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com