Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM20MT05C Datasheet(PDF) 3 Page - Protek Devices

No. de pieza SM20MT05C
Descripción Electrónicos  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM20MT05C Datasheet(HTML) 3 Page - Protek Devices

  SM20MT05C Datasheet HTML 1Page - Protek Devices SM20MT05C Datasheet HTML 2Page - Protek Devices SM20MT05C Datasheet HTML 3Page - Protek Devices SM20MT05C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.protekdevices.com
05079.R4 9/03
SM20MT05C
thru
SM20MT24C
GRAPHS
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
1,500W 8/20µs Waveform
100
1,000
10,000
100,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME


Número de pieza similar - SM20MT05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C-LF-T13 PROTEC-SM20MT05C-LF-T13 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C-T13 PROTEC-SM20MT05C-T13 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Descripción similar - SM20MT05C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com