Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDALA10M7GA002 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

No. de pieza CDALA10M7GA002
Descripción Electrónicos  Ceramic Filters (CERAFIL) for FM Receivers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDALA10M7GA002 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CDALA10M7GA002 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CDALA10M7GA002 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
3
1
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Chip Type SFECV Series
SFECV10M7 series for FM-receivers are monolithic type
ceramic filters which utilize the energy trapped
thickness vibration-mode of the piezoelectric ceramic.
By taking advantage of the very low profile, new SFECV
series and PFWCC(kHz filter for AM receiver) enable
costomers to make AM/FM set so thin, and it can be of
help to the total chip circuit.
s Features
1. Super-thin. Only 1.5mm. The most suitable ceramic
filter available for thinning substrates.
2. Heat resistant. Reflow soldering can be performed
because of its excellent heat resistance.
3. Piezoelectric element is connected in the
sandwich shape by heat resistant substrate, thus
it has excellent mechanical strength, and it is
suitable for automatic mounting.
4. Various bandwidths are available. Select a
suitable type in accordance with the desired
selectivity.
5. Electrical characteristics are the same as
conventional "CERAFIL".
s Applications
1. Small, thin radios
2. Automotive radios
3. Headphone steros
6.9
±0.3
*
*
*
4.05
±0.4
Bottom Electrode
Side Electrode
1.2
±0.5
1.0
±0.5
1.0
±0.5
1.2
±0.3
1.2
±0.5
1.5
±0.2
(3)
(2)
(1)
(1) : Input
(2) : Ground
(3) : Output
** : EIAJ Monthly Code
** : Center Frequency Rank Code
: Marking
(in mm)
1.0
±0.5
Part Number
Center Frequency (fo)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFECV10M7KA00-R0
10.700
±30kHz
within110
±30kHz
320 max.
within6.0
±2.0dB
35 min.
SFECV10M7JA00-R0
10.700
±30kHz
within150
±40kHz
380 max.
10.0 max.
30 min.
SFECV10M7HA00-R0
10.700
±30kHz
within180
±40kHz
470 max.
within4.0
±2.0 dB
35 min.
SFECV10M7GA00-R0
10.700
±30kHz
within230
±50kHz
510 max.
within3.5
±2.0 dB
35 min.
SFECV10M7FA00-R0
10.700
±30kHz
within280
±50kHz
590 max.
within3.0
±2.0 dB
35 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C


Número de pieza similar - CDALA10M7GA002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
CDALF10M7GA001-B0 MURATA1-CDALF10M7GA001-B0 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
More results

Descripción similar - CDALA10M7GA002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
SFE10.7MS2-Z.7 MURATA1-SFE10.7MS2-Z.7 Datasheet
404Kb / 23P
   CERAMIC FILTER (CERAFIL®) For FM Receivers
logo
Murata Manufacturing Co...
SFECF10M7EA00-R0 MURATA-SFECF10M7EA00-R0 Datasheet
26Kb / 1P
   CERAFIL for FM
SFVLF10M7MF00-B0 MURATA-SFVLF10M7MF00-B0 Datasheet
20Kb / 1P
   CERAFIL for FM
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
   FM CERAMIC FILTERS
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
   FM CERAMIC FILTERS
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
   FM Ceramic Filters
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
   FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
   FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com