Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1172B42-U5T1X Datasheet(PDF) 9 Page - ABLIC Inc.

No. de pieza S-1172B42-U5T1X
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1172B42-U5T1X Datasheet(HTML) 9 Page - ABLIC Inc.

Back Button S-1172B42-U5T1X Datasheet HTML 5Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 6Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 7Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 8Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 9Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 10Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 11Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 12Page - ABLIC Inc. S-1172B42-U5T1X Datasheet HTML 13Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
S-1172 Series
9
Table 7 (2 / 2)
(Ta
 +25C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
ON/OFF pin input
voltage “H”
VSH
VIN = VOUT(S) + 1.0 V,
RL = 1.0 k,
determined by VOUT
output level
1.0 V
 VOUT(S)  4.5 V
1.0
V
4
VIN = 5.5 V,
RL = 1.0 k,
determined by VOUT
output level
4.5 V < VOUT(S)  5.0 V
1.0
V
4
ON/OFF pin input
voltage “L”
VSL
VIN = VOUT(S) + 1.0 V,
RL = 1.0 k,
determined by VOUT
output level
1.0 V
 VOUT(S)  4.5 V
0.3
V
4
VIN = 5.5 V,
RL = 1.0 k,
determined by VOUT
output level
4.5 V < VOUT(S)  5.0 V
0.3
V
4
ON/OFF pin input
current “H”
ISH
VIN = 5.5 V, VON/OFF = 5.5 V
0.1
0.1
A
4
ON/OFF pin input
current “L”
ISL
VIN = 5.5 V, VON/OFF = 0 V
0.1
0.1
A
4
Ripple rejection
RR
VIN = VOUT(S) + 1.0 V,
f = 1 kHz,
Vrip = 0.5 Vrms,
IOUT = 100 mA
1.0 V
 VOUT(S) < 1.2 V
70
dB
5
1.2 V
 VOUT(S)  3.0 V
65
dB
5
3.0 V < VOUT(S)  4.5 V
60
dB
5
VIN = 5.5 V,
f = 1 kHz,
Vrip = 0.5 Vrms,
IOUT = 100 mA
4.5 V < VOUT(S)  5.0 V
60
dB
5
Short-circuit current
ISHORT
VIN  VOUT(S)  1.0 V,
ON/OFF pin
 ON,
VOUT  0 V
1.0 V
 VOUT(S)  4.5 V
200
mA
3
VIN  5.5 V,
ON/OFF pin
 ON,
VOUT  0 V
4.5 V < VOUT(S)  5.0 V
200
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
150
C
Thermal shutdown
release temperature
TSR
Junction temperature
120
C
*1.
VOUT(S) : Set output voltage
VOUT(E) : Actual output voltage
Output voltage when fixing IOUT ( 100 mA) and inputting VOUT(S)  1.0 V or 5.5 V
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop  VIN1  (VOUT3  0.98)
VOUT3 is the output voltage when VIN  VOUT(S)  1.0 V or 5.5 V, and IOUT  300 mA or 1000 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
VOUT
Ta
[]
mV/°C
*1 = VOUT(S) []
V
*2
VOUT
TaVOUT []
ppm/°C
*3  1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to
the power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Número de pieza similar - S-1172B42-U5T1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1172B42-U5T1G SII-S-1172B42-U5T1G Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-1172B42-U5T1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com